Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 74 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 74 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 70Page - Silicon Laboratories EM342-RTR Datasheet HTML 71Page - Silicon Laboratories EM342-RTR Datasheet HTML 72Page - Silicon Laboratories EM342-RTR Datasheet HTML 73Page - Silicon Laboratories EM342-RTR Datasheet HTML 74Page - Silicon Laboratories EM342-RTR Datasheet HTML 75Page - Silicon Laboratories EM342-RTR Datasheet HTML 76Page - Silicon Laboratories EM342-RTR Datasheet HTML 77Page - Silicon Laboratories EM342-RTR Datasheet HTML 78Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 143 page
background image
EM342
74
Rev 1.0
8.3. SPI—Slave Mode
The SC1 controller includes an SPI slave controller with these features:

Full duplex operation

Up to 5 Mbps data transfer rate

Programmable clock polarity and clock phase

Selectable data shift direction (either LSB or MSB first)

Slave select input
8.3.1. GPIO Usage
The SPI slave controller uses four signals:

MOSI (Master Out, Slave In) - inputs serial data from the master

MISO (Master In, Slave Out) - outputs serial data to the master

SCLK (Serial Clock) - clocks data transfers on MOSI and MISO

nSSEL (Slave Select) - enables serial communication with the slave
Note: The SPI slave controller does not tri-state the MISO signal when slave select is deasserted.
The GPIO pins that can be assigned to these signals are shown in Table 8.2.
Table 8.2. SPI Slave GPIO Usage
MOSI
MISO
SCLK
nSSEL
Direction
Input
Output
Input
Input
GPIO Configuration
Input
Alternate Output
(push-pull)
Input
Input
SC1 pin
PB2
PB1
PB3
PB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com