Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 134 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 134 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 130Page - Silicon Laboratories EM342-RTR Datasheet HTML 131Page - Silicon Laboratories EM342-RTR Datasheet HTML 132Page - Silicon Laboratories EM342-RTR Datasheet HTML 133Page - Silicon Laboratories EM342-RTR Datasheet HTML 134Page - Silicon Laboratories EM342-RTR Datasheet HTML 135Page - Silicon Laboratories EM342-RTR Datasheet HTML 136Page - Silicon Laboratories EM342-RTR Datasheet HTML 137Page - Silicon Laboratories EM342-RTR Datasheet HTML 138Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 143 page
background image
EM342
134
Rev 1.0
BLOCK
SERIAL
4000C000–4000CFFF Serial Controllers
Address
Name
Type
Reset
Description
4000C800
SC1_RXBEGA
RW
20000000
Receive DMA Begin Address Register A
4000C804
SC1_RXENDA
RW
20000000
Receive DMA End Address Register A
4000C808
SC1_RXBEGB
RW
20000000
Receive DMA Begin Address Register B
4000C80C
SC1_RXENDB
RW
20000000
Receive DMA End Address Register B
4000C810
SC1_TXBEGA
RW
20000000
Transmit DMA Begin Address Register A
4000C814
SC1_TXENDA
RW
20000000
Transmit DMA End Address Register A
4000C818
SC1_TXBEGB
RW
20000000
Transmit DMA Begin Address Register B
4000C81C
SC1_TXENDB
RW
20000000
Transmit DMA End Address Register B
4000C820
SC1_RXCNTA
R
0
Receive DMA Count Register A
4000C824
SC1_RXCNTB
R
0
Receive DMA Count Register B
4000C828
SC1_TXCNT
R
0
Transmit DMA Count Register
4000C82C
SC1_DMASTAT
R
0
Serial DMA Status Register
4000C830
SC1_DMACTRL
RW
0
Serial DMA Control Register
4000C834
SC1_RXERRA
R
0
DMA First Receive Error Register A
4000C838
SC1_RXERRB
R
0
DMA First Receive Error Register B
4000C83C
SC1_DATA
RW
0
Serial Data Register
4000C840
SC1_SPISTAT
R
0
SPI Status Register
4000C848
SC1_UARTSTAT
R
40
UART Status Register
4000C854
SC1_MODE
RW
0
Serial Mode Register
4000C858
SC1_SPICFG
RW
0
SPI Configuration Register
4000C85C
SC1_UARTCFG
RW
0
UART Configuration Register
4000C860
SC1_RATELIN
RW
0
Serial Clock Linear Prescaler Register
4000C864
SC1_RATEEXP
RW
0
Serial Clock Exponential Prescaler Register
4000C868
SC1_UARTPER
RW
0
UART Baud Rate Period Register
4000C86C
SC1_UARTFRAC
RW
0
UART Baud Rate Fractional Period Register
4000C870
SC1_RXCNTSAVED
R
0
Saved Receive DMA Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com