Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 104Page - National Semiconductor (TI) DP83266 Datasheet HTML 105Page - National Semiconductor (TI) DP83266 Datasheet HTML 106Page - National Semiconductor (TI) DP83266 Datasheet HTML 107Page - National Semiconductor (TI) DP83266 Datasheet HTML 108Page - National Semiconductor (TI) DP83266 Datasheet HTML 109Page - National Semiconductor (TI) DP83266 Datasheet HTML 110Page - National Semiconductor (TI) DP83266 Datasheet HTML 111Page - National Semiconductor (TI) DP83266 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
70 Control Information (Continued)
Indicate Attention Register (IAR)
The Indicate Attention Register (IAR) is used to present exception and breakpoint attentions generated by each Indicate
Channel An Attention bit is set by hardware when an exception or breakpoint occurs on the corresponding Indicate Channel
Each bit may be enabled by setting the corresponding bit in the Indicate Notify Register
All bits in this register are set to Zero upon reset
Access Rules
Address
Read
Write
114h
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
EXCI0
BRKI0
EXCI1
BRKI1
EXCI2
BRKI2
Bit
Symbol
Description
D0
BRKI2
Breakpoint on ICHN2
This bit is set when a breakpoint is detected on Indicate Channel 2 No action is
taken if the host sets this bit
D1
EXCI2
Exception on ICHN2
While this bit is set copying is disabled on ICHN2 This bit is set by the MACSI
device when an exception occurs on Indicate Channel 2 An exception consists of an ABus error during an
IDU or IDUD write for ICNH2 It may be set by the host to disable copying on ICHN2 which is convenient
when updating the Indicate Header Length and Indicate Threshold register
When this bit is set by the device it signifies that the last frame received on this channel had an ABus
error It is the last frame because the setting of this bit disables further copying on this channel The last
frame should be discarded
D2
BRKI1
Breakpoint on ICHN1
This bit is set when a breakpoint is detected on Indicate Channel 1 No action is
taken if the host sets this bit
D3
EXCI1
Exception on ICHN1
While this bit is set copying is disabled on ICHN1 This bit is set by the MACSI
device when an exception occurs on Indicate Channel 1 An exception consists of an ABus error during an
IDU or IDUD write for ICNH1 It may be set by the host to disable copying on ICHN1 which is convenient
when updating the Indicate Header Length and Indicate Threshold register
When this bit is set by the device it signifies that the last frame received on this channel had an ABus
error It is the last frame because the setting of this bit disables further copying on this channel The last
frame should be discarded
D4
BRKI0
Breakpoint on ICHN0
This bit is set when a breakpoint is detected on ICHN0 No action is taken if the
host sets this bit The User must set IMCRBOS to use the BRKI0 breakpoint
D5
EXCI0
Exception on ICHN0
While this bit is set copying is disabled on ICHN0 This bit is set by the MACSI
device when an exception occurs on Indicate Channel 0 An exception consists of an ABus error during an
IDU or IDUD write for ICNH0 It may be set by the host to disable copying on ICHN0
When this bit is set by the device it signifies that the last frame received on this channel had an ABus
error It is the last frame because the setting of this bit disables further copying on this channel The last
frame should be discarded
D7 – D6
RES
Reserved
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com