Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 107Page - National Semiconductor (TI) DP83266 Datasheet HTML 108Page - National Semiconductor (TI) DP83266 Datasheet HTML 109Page - National Semiconductor (TI) DP83266 Datasheet HTML 110Page - National Semiconductor (TI) DP83266 Datasheet HTML 111Page - National Semiconductor (TI) DP83266 Datasheet HTML 112Page - National Semiconductor (TI) DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) DP83266 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
70 Control Information (Continued)
Bit
Symbol
Description
D7–D6
SM1–0
Sort Mode
These bits determine how the MACSI device sorts Indicate data onto Indicate Channels 1
and 2
SM1
SM0
ICHN2
ICHN1
0
0
Asynchronous
Synchronous
0
1
External
Internal
1
0
Info
Header
1
1
Low Priority
High Priority
The SynchronousAsynchronous Sort Mode is intended for use in end-stations or applications using
synchronous transmission
The InternalExternal Sorting Mode is intended for bridging or monitoring applications MACSMT frames
matching the internal Ring Engine (MAC) address are sorted onto ICHN0 and all other frames matching
the Ring Engine’s internal address (short or long) are sorted onto ICHN1 All frames matching the external
address (frames requiring bridging) are sorted onto ICHN2 This sorting mode uses the EM ECOPY and
ECIP input signals with external address matching circuitry See the section on External address matching
for a full description of the timing required on these signals (Section 63) Promiscuous mode on ICHN2
does not require any external matching logic to copy frames
The HeaderInfo Sort Mode is intended for high performance protocol processing MACSMT frames are
sorted onto ICHN0 while all other frames are sorted onto ICHN1 and ICHN2 Frame bytes from the FC up
to the programmed header length are copied onto ICHN1 The remaining bytes(info) are copied onto
ICHN2 Only one stream of IDUDs is produced (on ICHN1) but both Indicate Channel’s PSP queues are
used for space (ie PSPs from ICHN1 for header space and PSPs from ICHN2 for info space) Frames
may comprise a header only or a headerainfo For frames with info multi-part IDUD objects are
produced For multi-part IDUDs the Indicate Status field in the IDUD is used to determine which part of the
IDUD object points to the end of the header The remainder of the IDUD is used to determine which part of
the IDUD object points to the end of the header The remainder of the IDUD object points to the Info If
Pool Space is only declared for ICNH1 then only the Headers will be written to memory This is useful for
protocol monitor applications
For example if page crosses occur while writing the header and while writing out the Info the MACSI
device will generate a four part IDUD object (IDUDFirst IDUDMiddle IDUDMiddle IDUDLast) The
IDUDFirst will have a status of ‘‘page cross’’ The first IDUD Middle will have a status of ‘‘end of header’’
The next IDUDMiddle will have a status of ‘‘page cross’’ The IDUDLast will have an ‘‘end of frame’’
status
The High PriorityLow Priority Sort Mode is intended for end stations using two priority levels of
asynchronous transmission The priority is determined by the most-significant z-bit of the FC (zzz e 0xx e
low-priority zzz e 1xx e high priority) Synchronous frames are sorted onto ICHN1 and MACSMT
frames are sorted onto ICHN0
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com