Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 108Page - National Semiconductor (TI) DP83266 Datasheet HTML 109Page - National Semiconductor (TI) DP83266 Datasheet HTML 110Page - National Semiconductor (TI) DP83266 Datasheet HTML 111Page - National Semiconductor (TI) DP83266 Datasheet HTML 112Page - National Semiconductor (TI) DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) DP83266 Datasheet HTML 115Page - National Semiconductor (TI) DP83266 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
70 Control Information (Continued)
Indicate Copy Configuration Register (ICCR)
The Indicate Copy Configuration Register (ICCR) is used to program the copy criteria for each of the Indicate Channels
This register is not altered upon reset
Access Rules
Address
Read
Write
118h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
CC0
RES
CC1
RES
CC2
Bit
Symbol
Description
D1 – D0
CC2
Copy Control ICHN2
D1
D0
Copy Mode
0
0
Do Not Copy
0
1
Copy if (AFLAG
l (EECIP ECOPY)) EMFLAG
1
0
Copy if (AFLAG
l (EECIP ECOPY))
1
1
Copy Promiscuously
D2
RES
Reserved
D4 – D3
CC1
Copy Control ICHN1
D4
D3
Copy Mode
0
0
Do Not Copy
0
1
Copy if (AFLAG
l (EECIP ECOPY)) EMFLAG
1
0
Copy if (AFLAG
l (EECIP ECOPY))
1
1
Copy Promiscuously
D5
RES
Reserved
D7 – D6
CC0
Copy Control ICHN0
D7
D6
Copy Mode
0
0
Do Not Copy
0
1
Copy if (AFLAG
l (EECIP ECOPY)) EMFLAG
1
0
Copy if (AFLAG
l (EECIP ECOPY))
1
1
Copy Promiscuously
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com