Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 106Page - National Semiconductor (TI) DP83266 Datasheet HTML 107Page - National Semiconductor (TI) DP83266 Datasheet HTML 108Page - National Semiconductor (TI) DP83266 Datasheet HTML 109Page - National Semiconductor (TI) DP83266 Datasheet HTML 110Page - National Semiconductor (TI) DP83266 Datasheet HTML 111Page - National Semiconductor (TI) DP83266 Datasheet HTML 112Page - National Semiconductor (TI) DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
70 Control Information (Continued)
Indicate Mode Configuration Register (IMCR)
The Indicate Mode Configuration Register (IMCR) defines configuration options for all three indicate Channels including the sort
mode frame filtering and status breakpoints
This register may be written only when the INSTOP bit in the State Attention Register is set It may be written with its current
value any time which is useful for one-shot sampling
This register is not altered upon reset
Access Rules
Address
Read
Write
117h
Always
INSTOP Mode Only
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
SM1
SM0
SKIP
FPP
BOT2
BOT1
BOB
BOS
Bit
Symbol
Description
D0
BOS
Breakpoint on Service Opportunity
Enables the end of a service opportunity to generate an Indicate
breakpoint attention (ie set the Channel’s BRK bit in the Indicate Attention Register) Service opportunities
include receipt of a Token a MAC Frame or a ring operational change following some copied frames This bit
should be set to 1 if BRKI0 will be used
D1
BOB
Breakpoint on Burst
Enables the end of a burst to generate an Indicate breakpoint attention (ie set the
Channel’s BRK bit in the Indicate Attention Register) End of burst includes Channel change DA change SA
change or MAC INFO change A Channel change is detected from the FC field of valid copied frames A DA
change is detected when a frame’s DA field changes from this station’s address to any other An SA change is
detected when a frame’s SA field is not the same as the previous one A MAC INFO change occurs when a
MAC frame does not have the identical first four bytes of INFO as the previous frame This breakpoint always
sets the BRK bit (ie this breakpoint is always enabled)
D2
BOT1
Breakpoint on Threshold for ICHN1
Enables the value in the Indicate Threshold Register to be used to
generate an Indicate breakpoint attention on Indicate Channel 1 (ie set the BRK1 bit in the Indicate Attention
Register)
D3
BOT2
Breakpoint on Threshold for ICHN2
Enables the value in the Indicate Threshold Register to be used to
generate an Indicate breakpoint attention on Indicate Channel 2 (ie set the BRK2 bit in the Indicate Attention
Register)
D4
FPP
Frame-per-Page
This bit controls how received frames are packed into the Pool Space Pages which are
provided via the PSP Descriptors When this bit is reset the MACSI device assembles multiple frames into a
single page of Pool Space when possible (ie the frames are smaller than the 4 kByte page size) When this
bit is set the MACSI device will force a page break and fetch a new PSP for each frame received This
guarantees that no page will contain more than one frame When FPP is set Frame packing can be re-enabled
on individual channels See ‘‘Address Configuration Register (ACR)’’
This mode is useful for systems where received frames are not processed in order of receipt This is because
space reclamation is greatly simplified A side affect of this mode is that no frame will span more than two
pages (ie a frame will have at most two IDUDs)
D5
SKIP
Skip Enable
Enables filtering on Indicate Channel 0 when the Copy Control field for ICHN0 in the Indicate
Configuration Register is set to 01 or 10 When this bit is set only the unique MAC frames received on Indicate
Channel 0 will be copied to memory (ie those having an FC field or first four bytes of the Information field that
differs from the previous frame) When this bit is 0 the MACSI will copy all MAC frames that meet the Copy
Criteria When this bit changes froma0toa1 the MACSI will copy the next MAC frame even if it is the same
as the previous frame Note that the ‘‘Promiscuous’’ Copy Mode overrides this SKIP mode (when the User
selects Promiscuous copy and the SKIP mode the MACSI will copy all MAC frames)
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com