Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 15Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 16Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 17Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 18Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-3. Boot Mode Operation
BOOTMODE[3:0]
DESCRIPTION
TYPE
CFGGP[4:0]
0 (0000)
Immediate boot
Immediate Boot
Don
’t Care
1 (0001)
Host boot (HPI)
Host
Don
’t Care
CFGGP[4] =
0
PLLx9 mode of main PLLCTL is selected
2 (0010)
Master I2C boot for I2C address 50h
ROM
1
PLLx19 mode of main PLLCTL is
selected
CFGGP[3:0] = Boot PARAM index
CFGGP[4] =
0
PLLx9 mode of main PLLCTL is selected
3 (0011)
Master I2C boot for I2C address 51h
ROM
1
PLLx19 mode of main PLLCTL is
selected
CFGGP[3:0] = Boot PARAM index
CFGGP[4] =
0
PLLx9 mode of main PLLCTL is selected
4 (0100)
Slave I2C boot
ROM
1
PLLx19 mode of main PLLCTL is
selected
CFGGP[3:0] = Don
’t Care
UTOPIA boot 8-bit PLLx10 of main
PHY ID
5 (0101)
ROM
PLLCTL
UTOPIA boot 8-bit PLLx20 of main
PHY ID
6 (0110)
ROM
PLLCTL
UTOPIA boot 16-bit PLLx10 of main
PHY ID
7 (0111)
ROM
PLLCTL
UTOPIA boot 16-bit PLLx20 of main
PHY ID
8 (1000)
ROM
PLLCTL
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
Ethernet MAC Port 0 boot
1
PLLx20 mode of main PLLCTL is
9 (1001)
(mode and speed determined by
ROM
selected
MACSEL0 pins)
CFGGP[3:0]: Device ID (when RMII is selected,
CFGGP[3] controls speed - 1 for 100 Mbs, 0 for 10
Mbps - and Device ID[3] is 0)
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
Ethernet MAC Port 1 boot
1
PLLx20 mode of main PLLCTL is
10 (1010)
(mode and speed determined by
ROM
selected
MACSEL1 pins)
CFGGP[3:0]: Device ID (when RMII is selected,
CFGGP[3] controls speed - 1 for 100 Mbs, 0 for 10
Mbps - and Device ID[3] is 0)
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
11 (1011)
RIO1
ROM
1
PLLx20 mode of main PLLCTL is
selected
CFGGP [3:0]: Node (1111b for default)
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
12 (1100)
RIO2
ROM
1
PLLx20 mode of main PLLCTL is
selected
CFGGP [3:0]: Node (1111b for default)
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
15
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com