Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 3Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 4Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 5Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 6Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 10Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
2
Device Overview
NOTE
Unless otherwise noted, all address locations in this document are stated in hexidecimal
numbers.
2.1
Device Characteristics
Table 2-1, provides an overview of the C6472 DSP. The table shows significant features of the C6472
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6472 Processor
HARDWARE FEATURES
C6472
DDR2 Memory Controller (32-bit bus width) [1.8 V I/O]
1
(clock source = CLKIN3)
EDMA (64 independent channels)
1
High-speed Serial RapidIO Port
2
I2C
1
Peripherals
HPI (16 bit)
1
Not all peripheral pins are
Telecom Serial Interface Port (TSIP)
3
available at the same time
(for more detail, see
UTOPIA (16/8-bit mode, 50-MHz, slave-only)
1
Section 3).
10/100/1000 Mb/s Ethernet MAC (EMAC)
2
Management Data Input/Output (MDIO)
1
12 (6 dedicated [0-5], 1 per core; 6 shared [6-11])
64-bit Timers (Configurable)
1 64-bit or 2 32-bit or WD each
General-Purpose Input/Output Port (GPIO)
16
32K-Byte L1 Program Memory [SRAM/Cache]
Organization per C64x+ Megamodule
32K-Byte L1 Data Memory [SRAM/Cache]
608K-Byte L2 Unified Memory [SRAM/Cache]
On-Chip Memory
768K-byte SL2 Unified SRAM
Shared by all 6 C64x+ Megamodules
768K-byte SL2 ROM
CPU MegaModule
Revision ID Register (MM_REVID.[15:0])
0003h
Revision ID
Address 0181 2000
JTAG ID register
JTAG ID
0009 102Fh
Address 02A8 0008
Frequency
MHz
500/625/700 MHz
Cycle Time
ns
2 ns/1.6 ns
1.2 V (DDR2 EMIF)
Core (V)
1.0 V (500 MHz) / 1.1 V (625 MHz) / 1.2 V (700 MHz)
1.2 V [RapidIO],
Voltage
1.5 V/1.8 V [EMAC RGMII],
I/O (V)
1.8 V [DDR2 EMIF I/O], and
1.8 V and 3.3 V [I/O Supply Voltage]
PLL1 and
CLKIN frequency multiplier
Bypass (x1), x10-x32
PLL1 Controller Options
PLL2 and
CLKIN frequency multiplier
x20
PLL2 Controller Options
[EMAC support]
PLL3 and
CLKIN frequency multiplier
x20
PLL3 Controller Options
[DDR2 Memory Controller support only]
BGA Package
24 x 24 mm
737-Pin Flip-Chip Plastic BGA (CTZ/ZTZ)
Process Technology
μm
0.09
μm
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com