Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 10Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 15Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-2. C6472 Memory Map Summary (continued)
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
PLL Controller 3
1K
029C0400 - 029C07FF
Reserved
254K
029C0800 - 029FFFFF
EDMA3 - EDMA3CC
32K
02A00000 - 02A07FFF
Reserved
96K
02A08000 - 02A1FFFF
EDMA3 - EDMA3TC0
32K
02A20000 - 02A27FFF
EDMA3 - EDMA3TC1
32K
02A28000 - 02A2FFFF
EDMA3 - EDMA3TC2
32K
02A30000 - 02A37FFF
EDMA3 - EDMA3TC3
32K
02A38000 - 02A3FFFF
Reserved
256K
02A40000 - 02A7FFFF
Chip-Level Registers
128K
02A80000 - 02A9FFFF
Reserved
32K
02AA0000 - 02AA7FFF
Shared Memory Controller
32K
02AA8000 - 02AAFFFF
Boot Controller
32K
02AB0000 - 02AB7FFF
Reserved
160K
02AB8000 - 02ADFFFF
PSC
128K
02AE0000 - 02AFFFFF
GPIO
16K
02B00000 - 02B03FFF
I2C Data and Control
16K
02B04000 - 02B07FFF
Reserved
224K
02B08000 - 02B3FFFF
UTOPIA
256K
02B40000 - 02B7FFFF
Reserved
256K
02B80000 - 02BBFFFF
UTOPIA-PDMA (PIM) Configuration
256K
02BC0000 - 02BFFFFF
Reserved
128K
02C00000 - 02C1FFFF
SMCP0
16K
02C20000 - 02C23FFF
SMCP1
16K
02C24000 - 02C27FFF
SMCP2
16K
02C28000 - 02C2BFFF
SMCP3
16K
02C2C000 - 02C2FFFF
SMCP4
16K
02C30000 - 02C33FFF
SMCP5
16K
02C34000 - 02C37FFF
Reserved
32K
02C38000 - 02C3FFFF
ETB0
4K
02C40000 - 02C40FFF
ETB1
4K
02C41000 - 02C41FFF
ETB2
4K
02C42000 - 02C42FFF
ETB3
4K
02C43000 - 02C43FFF
ETB4
4K
02C44000 - 02C44FFF
ETB5
4K
02C45000 - 02C45FFF
Reserved
232K
02C46000 - 02C7FFFF
EMAC0 Control
4K
02C80000 - 02C80FFF
EMIC0
2K
02C81000 - 02C817FF
MDIO Control Registers
2K
02C81800 - 02C81FFF
EMAC0 Descriptor Memory
8K
02C82000 - 02C83FFF
Reserved
240K
02C84000 - 02CBFFFF
EMAC1 Control
4K
02CC0000 - 02CC0FFF
EMIC1
2K
02CC1000 - 02CC17FF
Reserved
2K
02CC1800 - 02CC1FFF
EMAC1 Descriptor Memory
8K
02CC2000 - 02CC3FFF
Reserved
240K
02CC4000 - 02CFFFFF
RapidIO Control Registers
256K
02D00000 - 02D3FFFF
12
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com