Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 83Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 89Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 90Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.9.3
Boot Progress Register (BOOTPROGRESS)
The boot progress register (BOOTPROGRESS) tracks the progress of the boot sequence. The ROM boot
code periodically writes values to this register to indicate progress. This can also be used by other
software as a debugging tool.
31
0
BOOTPROGRESS
R/W-0000 0000 0000 0000 0000 0000 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-17. Boot Progress Register (BOOTPROGRESS)
3.9.4
BOOTMODEn Register (BOOTMODE0-BOOTMODE5)
The chip-level boot modes are set using the BOOTMODE[3:0] device pins. In addition to this, for local
boot purposes, each core can set its BOOTMODE choice using the registers BOOTMODE0 through
BOOTMODE5. The default values of these registers are set to immediate boot mode.
31
4
3
0
Reserved
BOOTMODE
R-0000 0000 0000 0000 0000 0000 0000
R/W-0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-18. BOOTMODEn Register (BOOTMODE0-BOOTMODE5)
Table 3-22. BOOTMODEn Register (BOOTMODE0-BOOTMODE5) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved
3:0
BOOTMODE
Boot Mode [3:0].
0000
Immediate boot (default).
0001
Host boot.
0010-
Reserved
1111
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
87
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com