Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 28Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 29Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 30Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
BSDDQGATE3
E14
I/O/Z
BSDDQGATE2
B16
I/O/Z
DDR2 Memory Controller data strobe gate [3:0]
BSDDQGATE1
D2
I/O/Z
BSDDQGATE0
C2
I/O/Z
RESETS
External LRESET input pin to assert/de-assert LRESET to the
LRESET
J4
I
IPU
core specified by CORESEL[2:0] is latched when LRESETNMIEN
is rising.
External nonmaskable interrupt input to assert/de-assert NMI to
NMI
K2
I
IPU
the core specified by CORESEL[2:0] is latched when
LRESETNMIEN is rising.
CORESEL0
H3
I
IPU
Core Select input pins used to identify the designated
megamodule(s) for LRESET or NMI
CORESEL1
G3
I
IPU
000 = C64x+ megamodule 0
001 = C64x+ megamodule 1
010 = C64x+ megamodule 2
011 = C64x+ megamodule 3
CORESEL2
G2
I
IPU
100 = C64x+ megamodule 4
101 = C64x+ megamodule 5
110 = Reserved
111 = All C64x+ megamodules
LRESET and NMI latch enable. The state of the LRESET and
LRESETNMIEN
J3
I
IPU
NMI inputs is latched to the selected megamodule(s) on the rising
edge.
RESET
G1
I
Device reset
Reset status pin. The RESETSTAT output is active (low) when
RESETSTAT
J5
O
IPU
the device is in reset.
Bootactive indication from the boot controller that boot is active
BOOTACTIVE
K1
O/Z
IPU
(see Section 3.9.2).
POR
H1
I
Power-on reset
PLL
CLKIN1
K28
I
IPD
Clock input for PLL1 (core clock)
CLKIN2
AH13
I
IPD
Clock input for PLL2 (EMAC clock)
CLKIN3
A23
I
IPD
Clock input for PLL3 (DDR2 clock)
SYSCLKOUT
K27
O/Z
IPU
Clock output (PLL1 output clock/6)
RAPIDIO
RIOCLKP
U25
I
RapidIO serial port source (reference) clock positive/negative
RIOCLKN
T25
RIORXP0
P27
I
RapidIO receive port 0 positive/negative (differential)
RIORXN0
N27
RIORXP1
T29
I
RapidIO receive port 1 positive/negative (differential)
RIORXN1
U29
RIOTXP0
N29
O
RapidIO transmit port 0 positive/negative (differential)
RIOTXN0
P29
RIOTXP1
U27
O
RapidIO transmit port 1 positive/negative (differential)
RIOTXN1
T27
TIMERS
Watchdog timer output (logical combination of six watchdog
WDOUT
H2
O/Z
IPU
timers)
TIMI0
V28
I
IPD
Timer input pin
TIMI1
V29
I
IPD
Timer input pin
TIMO2
V27
O/Z
IPD
Timer output pin
32
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com