Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 25Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 26Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 27Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 28Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 29Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 30Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
2.7
Terminal Functions
The terminal functions table (Table 2-5) identifies the external signal names, the associated pin (ball)
numbers along with the mechanical package designator, the pin type (I, O/Z, or I/O/Z), whether the pin
has any internal pullup/pulldown resistors and a functional pin description. For more detailed information
on device configuration, peripheral selection, multiplexed/shared pins, and debugging considerations, see
Section 3.
Table 2-5. Terminal Functions
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
CONFIGURATION PINS
MACSEL0[0]
AE6
I
IPD
MACSEL0[1]
AG5
I
IPD
EMAC0 configuration select pin (for details, see Table 3-1).
MACSEL0[2]
AF6
I
IPD
Device Endian pin.
LENDIAN
AH4
I
IPU
0 = System operates in Big-Endian mode
1 = System operates in Little-Endian mode (default)
MACSEL1[0]
AF5
I
IPD
EMAC1 configuration select pin (for details, see Table 3-1).
MACSEL1[1]
AH5
I
IPD
DDR2 Memory Controller enable
DDREN
E20
I
IPD
0 = disabled (only use this mode if DDR is not powered)
1 = enabled
RapidIO enable
RIOEN
U26
I
IPD
0 = disabled (only use this mode if RapidIO is not powered)
1 = enabled
HOST EVENT PINS
HOUT
AH23
O/Z
IPU
Host event output.
GENERAL-PURPOSE INPUT/OUTPUT PINS
General-purpose input/output pin 0 multiplexed with HPI internal
pulls enable/disable
0 = Internal pulls on HPI IO are enabled and buffers are turned
GP00/HPI_EN
M1
I/O/Z
IPD
off.
1 = Internal pulls on most HPI IO are disabled and all buffers are
turned on.
For more detail about internal pull options, see Section 3.3.1.
General-purpose input/output pin 1 multiplexed with UTOPIA
internal pulls enable/disable
0 = Internal pulls on UTOPIA IO are enabled and buffers are
GP01/UTOPIA_EN
N5
I/O/Z
IPD
turned off.
1 = Internal pulls on UTOPIA IO are disabled and buffers are
turned on.
For more detail about internal pull options, see Section 3.3.1.
GP02/TSIP0_EN
M3
I/O/Z
IPD
General-purpose input/output pin [4:2] multiplexed with TSIP[2:0]
internal pulls enable/disable
GP03/TSIP1_EN
K5
I/O/Z
IPD
0 = Internal pulls on TSIPx IO are enabled and buffers are turned
off.
1 = Internal pulls on TSIPx IO are disabled and buffers are turned
GP04/TSIP2_EN
M5
I/O/Z
IPD
on.
For more detail about internal pull options, see Section 3.3.1.
General-purpose input/output pin 5 multiplexed with EMAC1
internal pulls enable/disable
0 = Internal pulls on EMAC1 IO are enabled and buffers are
GP05/EMAC1_EN
N4
I/O/Z
IPD
turned off.
1 = Internal pulls on EMAC1 IO are disabled and buffers are
turned on.
For more detail about internal pull options, see Section 3.3.1.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-k
Ω IPD or IPU resistor. To pull up a signal to the
opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
IPU/IPD logic on some pins can be disabled based on configuration. For more information, see .
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com