Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 10Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 15Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 16Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-2. C6472 Memory Map Summary (continued)
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Reserved
768K
02D40000 - 02DFFFFF
RapidIO Descriptor Memory
16K
02E00000 - 02E03FFF
Reserved
209M + 1008K
02E04000 - 0FFFFFFF
INTERNAL RAM (GLOBAL MEMORY MAP)
Reserved
2M
10000000 - 101FFFFF
SL2 RAM (through DSP0)
768K
10200000 - 102BFFFF
Reserved
5.25M
102C0000 - 107FFFFF
DSP0 L2 SRAM
608K
10800000 - 10897FFF
Reserved
5M + 416K
10898000 - 10DFFFFF
DSP0 L1P SRAM
32K
10E00000 - 10E07FFF
Reserved
992K
10E08000 - 10EFFFFF
DSP0 L1D SRAM
32K
10F00000 - 10F07FFF
Reserved
2M + 992K
10F08000 - 111FFFFF
SL2 RAM (through DSP1)
768K
11200000 - 112BFFFF
Reserved
5.25M
112C0000 - 117FFFFF
DSP1 L2 SRAM
608K
11800000 - 11897FFF
Reserved
5M + 416K
11898000 - 11DFFFFF
DSP1 L1P SRAM
32K
11E00000 - 11E07FFF
Reserved
992K
11E08000 - 11EFFFFF
DSP1 L1D SRAM
32K
11F00000 - 11F07FFF
Reserved
2M + 992K
11F08000 - 121FFFFF
SL2 RAM (through DSP2)
768K
12200000 - 122BFFFF
Reserved
5.25M
122C0000 - 127FFFFF
DSP2 L2 SRAM
608K
12800000 - 12897FFF
Reserved
5M + 416K
12898000 - 12DFFFFF
DSP2 L1P SRAM
32K
12E00000 - 12E07FFF
Reserved
992K
12E08000 - 12EFFFFF
DSP2 L1D SRAM
32K
12F00000 - 12F07FFF
Reserved
2M + 992K
12F08000 - 131FFFFF
SL2 RAM (through DSP3)
768K
13200000 - 132BFFFF
Reserved
5.25M
132C0000 - 137FFFFF
DSP3 L2 SRAM
608K
13800000 - 13897FFF
Reserved
5M + 416K
13898000 - 13DFFFFF
DSP3 L1P SRAM
32K
13E00000 - 13E07FFF
Reserved
992K
13E08000 - 13EFFFFF
DSP3 L1D SRAM
32K
13F00000 - 13F07FFF
Reserved
2M + 992K
13F08000 - 141FFFFF
SL2 RAM (through DSP4)
768K
14200000 - 142BFFFF
Reserved
5.25M
142C0000 - 147FFFFF
DSP4 L2 SRAM
608K
14800000 - 14897FFF
Reserved
5M + 416K
14898000 - 14DFFFFF
DSP4 L1P SRAM
32K
14E00000 - 14E07FFF
Reserved
992K
14E08000 - 14EFFFFF
DSP4 L1D SRAM
32K
14F00000 - 14F07FFF
Reserved
2M + 992K
14F08000 - 151FFFFF
SL2 RAM (through DSP5)
768K
15200000 - 152BFFFF
Reserved
5.25M
152C0000 - 157FFFFF
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com