Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 59Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 60Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 61Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 62Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 63Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 64Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 65Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 66Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.3
Peripheral Selection After Device Reset
3.3.1
Controlling Internal Pulls on the Peripherals
3.3.1.1
Device Control Register (DEVCTL)
The device control register (DEVCTL) controls the internal pulls on the I/O interfaces. The bits are
initialized on the rising edge of the Power-On Reset from the GPIO pins [5:0], then software can override
these latched values. When the DSP is out of reset, the DEVCTL bits control the pullup and pulldown
resistors. When the DSP is held in reset, the GPIO pins enable the pullup and pulldown resistors, directly.
These bits also enable or disable the output buffers on these interfaces. When the pull-up or pull-down
resistors are enabled, the output buffers are disabled. When not in use, all the inputs should be in a
known state (i.e., needs to be internally pulled) and the corresponding I/O buffers should be powered
down to save I/O power. The DEVCTL register is shown in Figure 3-1 and described in Table 3-3.
Section 3.3.1.3 contains more detail about the operation of the internal resistor pulls and the output buffer
operation. It explicitly lists the relevant pins individually under all possible configurations and states
whether the output buffers are enabled or disabled and whether the internal pull resistors are enabled or
disabled.
31
16
Reserved
R-0000 0000
15
13
12
11
9
8
Reserved
EMAC1_EN
TSIP2_EN[2:0]
TSIP1_EN2
R/W-0
R/W-x
R/W-xxx
R/W-xxx
7
6
5
3
2
1
0
TSIP1_EN[1:0]
TSIP0_EN[2:0]
UTOPIA_EN[1:0]
HPI_EN
R/W-xxx
R/W-xxx
R/W-xx
R/W-x
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-1. Device Control Register (DEVCTL)
Table 3-3. Device Control Register (DEVCTL) Field Descriptions
Bit
Field
Value
Description
31:13
Reserved
Reserved
12
EMAC1_EN
EMAC1 Internal Pulls Enable. Initialized at reset from GP05/EMAC1_EN pin.
0
Enable the pulls on the 3.3-V EMAC1 I/O pins and power down the corresponding I/O buffers. Also
disable the EMAC1 RGMII I/O pins.
1
Allow the pulls on the 3.3-V EMAC1 I/O to be disabled and the corresponding I/O buffers to be
powered up. Also allow the RGMII I/O buffers to be powered up. This input is combined with the
MACSEL1[1:0] configuration inputs to determine which I/O pins are enabled and which are
disabled. All disabled 3.3-V I/O pins will have internal pulls active.
11
TSIP2_EN[2]
TSIP2 Internal Pulls Enable[2]. Initialized at reset from GP04/TSIP2_EN pin.
0
Enable the pulls on TX[7:4] and TR[7:4] of the TSIP2 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[7:4] and TR[7:4] of the TSIP2 I/O pins and power up the corresponding I/O
buffers.
10
TSIP2_EN[1]
TSIP2 Internal Pulls Enable[1]. Initialized at reset from GP04/TSIP2_EN pin.
0
Enable the pulls on TX[3:2] and TR[3:2] of the TSIP2 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[3:2] and TR[3:2] of the TSIP2 I/O pins and power up the corresponding I/O
buffers.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
63
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com