Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 26Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 27Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 28Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 29Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 30Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
GP06/BOOTMODE0
L5
I/O/Z
IPU
General-purpose input/output pin [9:6] multiplexed with
GP07/BOOTMODE1
L4
I/O/Z
IPU
BOOTMODE selection pin [3:0] (for details, see Table 3-1 and
GP08/BOOTMODE2
K3
I/O/Z
IPU
Section 2.4).
GP09/BOOTMODE3
K4
I/O/Z
IPU
GP10/CFGGP0
M2
I/O/Z
IPD
GP11/CFGGP1
N3
I/O/Z
IPD
General-purpose input/output pin [14:10] multiplexed with
GP12/CFGGP2
M4
I/O/Z
IPD
configuration selection pin [4:0].
GP13/CFGGP3
L1
I/O/Z
IPD
GP14/CFGGP4
L2
I/O/Z
IPD
General-purpose input/output pin 15 multiplexed with
SYSCLKOUT enable.
GP15/SYSCLKOUTEN
L3
I/O/Z
IPD
0 = SYSCLKOUT is disabled (default)
1 = SYSCLKOUT is enabled
DDR2 MEMORY CONTROLLER
BSDDQM3
C16
O/Z
DDR2 Memory Controller byte-enable controls
•
Decoded from the low-order address bits. The number of
BSDDQM2
B15
O/Z
address bits or byte enables used depends on the width of
BSDDQM1
G4
O/Z
external memory.
•
Byte-write enables for most types of memory.
BSDDQM0
A3
O/Z
•
Can be directly connected to SDRAM read and write mask
signal (SDQM).
BCS1
E9
O/Z
DDR2 Memory Controller memory space enable. When the DDR2
Memory Controller is enabled, it first sets these pins low. Then as
accesses occur to the DDR2 memory, only the chip select
BCS0
A4
O/Z
corresponding to the accessed DDR2 memory is low.
BBA2
A6
O/Z
BBA1
B6
O/Z
DDR2 Memory Controller bank address control
BBA0
C7
O/Z
BEA00
B12
BEA01
A12
BEA02
A11
BEA03
B11
BEA04
C11
BEA05
D11
BEA06
A9
O/Z
DDR2 Memory Controller address bus
BEA07
C10
BEA08
D10
BEA09
C9
BEA10
B8
BEA11
A7
BEA12
B7
BEA13
D9
BECLKOUTP
C8
O/Z
DDR2 Memory Controller output clock (CLKIN3 frequency
× 10) -
differential output
BECLKOUTN
D8
O/Z
30
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com