Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6472ECTZ Datasheet HTML 1Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 2Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 3Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 4Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 5Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 6Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 269 page
background image
imer x [6 thru 1
1](A)
imer x [6 thru 1
1](A)
imer x [6 thru 1
1](A)
imer x [6 thru 1
1](A)
Timer x [6 thru 1
1](A)
Timer x [0-5]
(B)
EMAC1
SS-SMII
RGMII
Serial
RapidIO
DDR2
Memory
Controller
Power-Down
Logic
DSP Subsystem 0
PLL1 and
PLL1 Controller
Boot Configuration
UTOPIA (16/8)
I2C
GPIO16
16
TSIP0
TSIP1
HPI (16-bit)
DDR2
SDRAM
32
Timer x [6-11]
(Shared)
(A)(B)
PLL3 and
PLL3
Controller
EDMA 3.0
C64x+ DSP Core
Data Path B
B Register File
Instruction Fetch
Data Path A
A Register File
.L1
.S1
.M1
xx
xx
.D1
L1P Memory Controller (Memory Protect/Bandwidth Mgmt)
Instruction
Decode
16-/32-bit
Instruction Dispatch
Control Registers
In-Circuit Emulation
SPLOOP Buffer
L1D Memory Controller (Memory Protect/Bandwidth Mgmt)
EMAC0
32K Bytes
L1P SRAM/Cache
Direct-Mapped
TSIP2
PLL2 and
PLL2 Controller
L2 SRAM/Cache
608K Bytes
4-Way Set Assoc.
A31-A16
A15-A0
B31-B16
B15-B0
SS-SMII
GMII
MII
RGMII
RMII
32K-Bytes Total
L1D SRAM/Cache 2-Way
Set-Associative
M
e
g
a
m
o
d
u
l
e
MDIO
RMII
.D2
.M2
xx
xx
.S2
.L2
DSP Subsystem 1
DSP Subsystem 2
DSP Subsystem 3
DSP Subsystem 4
DSP Subsystem 5
A. Timers 6-11 are shared.
B. Each of the Timer peripherals are configurable as either one 64-bit general-purpose timer
two 32-bit general-purpose timers
a watchdog timer.
C. System consists of Test, Emulation, Power Down, and Interrupt Controller.
or
or
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
1.3
Functional Block Diagram
Figure 1-2 shows the functional block diagram of the C6472 device.
Figure 1-2. C6472 Functional Block Diagram
4
Features
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com