Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 89Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 90Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 91Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 92Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.10 JTAG ID Register Description
The JTAG ID register is a read-only register that identifies to the customer the JTAG ID (DEVICE_ID). For
the C6472 device, the JTAG ID register resides at address location 02A8 0008h. It reads 0009 102Fh. For
the actual register bit names and their associated bit field descriptions, see Figure 3-20 and Table 3-24.
31
28 27
12 11
1
0
VARIANT
PART NUMBER
MANUFACTURER
LSB
(4-bit)
(16-bit)
(11-bit)
R-0000
R-0000 0000 1001 0001
R-0000 0010 111
R-1
LEGEND: R = Read only; -n = value after reset
Figure 3-20. JTAG ID (DEVICE_ID) Register - C6472 Register Value
Table 3-24. JTAG ID (DEVICE_ID) Register Field Descriptions
Bit
Field
Value
Description
31:28
VARIANT
0000
Variant (4-Bit) value.(1)
Note: The VARIANT field may be invalid if no CLKIN1 signal is applied. The
value of this field depends on the silicon revision being used. For more
information, see the TMS320C6472 Digital Signal Processor Silicon Errata
(literature number SPRZ300).
27:12
PART NUMBER
0000 0000 1001 0001
Part Number (16-Bit) value.(2)
11:1
MANUFACTURER
0000 0010 111
Manufacturer (11-Bit) value.(2)
0
LSB
1
LSB value.(2)
(1)
Fixed value for each silicon revision. This table shows silicon revision 1.0, as an example.
(2)
Fixed value irrespective of the silicon revision.
3.11 Silicon Revision ID Register Description
The silicon revision ID is a read-only register that provides silicon revision details. For the C6472 device,
the silicon revision ID register is at address location 02A8 070Ch. It reads 0010 0091h. The silicon
revision ID Register is shown in Figure 3-21 and described inTable 3-25.
31
24
23
20
19
16
Reserved
MAJOR REVISION
MINOR REVISION
8-bit
4-bit
4-bit
R-0000 0000
R-0001
R-0000
15
0
PART NUMBER
16-bit
R-0000 0000 1001 0001
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-21. Silicon Revision ID Register
Table 3-25. Silicon Revision ID Register Field Descriptions
Bit
Field
Value
Description
31:24
Reserved
0000 0000
Reserved
23:20
MAJOR REVISION
0001
Major revision of the silicon(1)
19:16
MINOR REVISION
0000
Minor revision of the silicon(1)
15:0
PART NUMBER
0000 0000 1001 0001
Part number of the silicon(2)
(1)
Fixed value for each silicon revision. This table shows silicon revision 1.0, as an example.
(2)
Fixed value irrespective of the silicon revision.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
89
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com