Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 79Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 80Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 81Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 82Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 83Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.8
Timer Event Manager Registers
3.8.1
Timer Pin Manager Register (TPMGR)
The timer pin manager register (TPMGR) configures the timer output pin. The TPMGR register details are
shown in Figure 3-13 and described in Table 3-18.
31
4
3
0
Reserved
TOUTSEL
R-0000 0000 0000 0000 0000 0000 0000
R/W-0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-13. Timer Pin Manager Register (TPMGR)
Table 3-18. Timer Pin Manager Register (TPMGR) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved
3:0
TOUTSEL
0000
Nothing selected for TIMO2
0001
Timer64 6 - TOUTL selected for TIMO2
0010
Timer64 6 - TOUTH selected for TIMO2
0011
Timer64 7 - TOUTL selected for TIMO2
0100
Timer64 7 - TOUTH selected for TIMO2
0101
Timer64 8 - TOUTL selected for TIMO2
0110
Timer64 8 - TOUTH selected for TIMO2
0111
Timer64 9 - TOUTL selected for TIMO2
1000
Timer64 9 - TOUTH selected for TIMO2
1001
Timer64 10 - TOUTL selected for TIMO2
1010
Timer64 10 - TOUTH selected for TIMO2
1011
Timer64 11 - TOUTL selected for TIMO2
1100
Timer64 11 - TOUTH selected for TIMO2
1101-
Reserved
1111
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
83
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com