Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 39Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 40Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 41Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 42Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 43Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 44Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
PTV PINS
If DDR is used, connect to VSS (GND) via 200-Ω precision resistor
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDD3, AVDD4, CVDD1, PTV18P, PTV18N,
PTV18P
C20
I
and HHV18EN pins can be NC or connected directly to VSS
(GND) to save power. However, connecting these pins this way
prevents boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality on the
DDR2 Memory Controller pins, see Section 7.3.3.
If DDR is used, connect to DVDD18 (1.8 V) via 200-Ω precision
resistor
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDD3, AVDD4, CVDD1, PTV18P, PTV18N,
PTV18N
C19
I
and HHV18EN pins can be NC or connected directly to VSS
(GND) to save power. However, connecting these pins this way
prevents boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality on the
DDR2 Memory Controller pins, see Section 7.3.3.
If RGMII is used, connect to VSS (GND) via 200-Ω precision
resistor
NC or connected to VSS, if RGMII is not used
NOTE: If the RGMII mode of the EMAC is not used, the DVDD15,
DVDD15MON, VREFHSTL, PTV15P, PTV15N, and HHV15EN pins
PTV15P
AF14
I
can be NC or connected directly to VSS (GND) to save power.
However, connecting these pins in this way will prevent
boundary-scan from functioning on the RGMII pins of the EMAC.
To preserve boundary-scan functionality on the RGMII pins, see
Section 7.3.3.
If RGMII is used, connect to DVDD15 (1.5 V/1.8 V) via 200-Ω
precision resistor
NC or connected to VSS, if RGMII is not used
NOTE: If the RGMII mode of the EMAC is not used, the DVDD15,
DVDD15MON, VREFHSTL, PTV15P, PTV15N, and HHV15EN pins
PTV15N
AE14
I
can be NC or connected directly to VSS (GND) to save power.
However, connecting these pins in this way will prevent
boundary-scan from functioning on the RGMII pins of the EMAC.
To preserve boundary-scan functionality on the RGMII pins, see
Section 7.3.3.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
41
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com