Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 73Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 74Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 75Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 76Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 77Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 78Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 79Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 80Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.6.3
Key-Based Protection for HOSTPRIV and PRIVPERM Registers (PRIVKEY)
Key-based protection of HOSTPRIV and PRIVPERM is provided for a higher level of protection or control
over changing the permission levels. The PRIVKEY register, shown in Figure 3-7 and described in
Table 3-13, is needed to service the key requirement. Updates to the HOSTPRIV and PRIVPERM
registers are only allowed when PRIVKEY contains the lower 16-bit key value (BEA7h). Protection is
provided by a following write to PRIVKEY to clear the register. The PRIVKEY is a 32-bit register with the
lower 16 bits as key field and upper 16 bits reserved to 0.
31
16
Reserved
R/W-0000 0000 0000 0000
15
0
KEY
R/W-0000 0000 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-7. Key-Based Protection Register (PRIVKEY)
Table 3-13. Key-Based Protection Register (PRIVKEY) Field Descriptions
Bit
Field
Value
Description
31:16
Reserved
Reserved
15:0
KEY
Key (BEA7h). These fields, [15:0], get updated only when KEY = BEA7h. Returns 0000h on read.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
77
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com