Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 20Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 21Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 22Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 23Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 24Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 25Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 26Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 27Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 269 page
background image
GPIO
General-PurposeInput/Output0(GPIO)Port
GP[3]/TSIP1_EN
(D)
GP[2]/TSIP0_EN
(D)
GP[1]/UTOPIA_EN
(D)
GP[15]/SYSCLKOUTEN
(A)
GP[14]/CFGGP4
(B)
GP[13]/CFGGP3
(B)
GP[11]/CFGGP1
(B)
GP[10]/CFGGP0
(B)
GP[9]/BOOTMODE3
(C)
GP[8]/BOOTMODE2
(C)
GP[7]/BOOTMODE1
(C)
GP[6]/BOOTMODE0
(C)
GP[5]/EMAC1_EN
(D)
GP[4]/TSIP2_EN
(D)
GP[0]/HPI_EN
(D)
Timers(64-Bit)
Timers
0-5
Timers
6-11
RIOCLKP
Clock
RIOTXN[1:0]
RapidIO
Transmit
Receive
RIOCLKN
2
2
2
2
RIOTXP[1:0]
RIORXP[1:0]
RIORXN[1:0]
GP[12]/CFGGP2
(B)
TIMI1
TIMO2
TIMI0
WDOUT
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
A.
The SYSCLKOUTEN pin is muxed with GP[15]. For more details, see Section 3.
B.
These CONFIG pins are muxed with the GPIO peripheral pins. For more details, see Section 3.
C.
These BOOTMODE pins are muxed with the GPIO peripheral pins. For more details, see Section 3.
D.
These pins are muxed with GPIO peripheral pins. For more details, see Section 3.
Figure 2-7. Timers/GPIO/RapidIO Peripheral Signals
24
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com