Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 15Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 16Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 17Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 18Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 19Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-3. Boot Mode Operation (continued)
BOOTMODE[3:0]
DESCRIPTION
TYPE
CFGGP[4:0]
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
13 (1101)
RIO3
ROM
1
PLLx20 mode of main PLLCTL is
selected
CFGGP [3:0]: Node (1111b for default)
CFGGP[4] =
0
PLLx10 mode of main PLLCTL is
selected
14 (1110)
RIO4
ROM
1
PLLx20 mode of main PLLCTL is
selected
CFGGP [3:0]: Node (1111b for default)
15 (1111)
Reserved
ROM
Reserved
•
Immediate boot
When immediate boot is selected after global reset, the C64x+ megamodule core executes directly
from the internal L2 SRAM address programmed in the DSP_BOOT_ADDRx register. Note: device
operation is undefined if invalid code is address programmed in the DSP_BOOT_ADDRx register.
Executing invalid code may prevent connection by an emulator.
The default start addresses for megamodule core 0-5 boot are listed in Table 2-4.
Table 2-4. Megamodule Core 0-5 Boot Start Addresses
DEFAULT START
DEFAULT START
DEFAULT START
MEGAMODULE
ADDRESSES FOR
ADDRESSES FOR
ADDRESSES FOR
CORE NAME
DEVICE RESET/
DEVICE RESET/
LOCAL RESET
BOOT MODE 0-1
BOOT MODE 2-15
Megamodule
0x0080_0000
0x0010_0000
0x0010_0000, if the device
Core 0
reset was boot mode 2-15;
otherwise 0x0080_0000
Megamodule
0x0080_0000
0x0080_0000
0x0080_0000
Core 1
Megamodule
0x0080_0000
0x0080_0000
0x0080_0000
Core 2
Megamodule
0x0080_0000
0x0080_0000
0x0080_0000
Core 3
Megamodule
0x0080_0000
0x0080_0000
0x0080_0000
Core 4
Megamodule
0x0080_0000
0x0080_0000
0x0080_0000
Core 5
For boot mode 1, these addresses can be modifed by the host before it releases each megamodule
core from reset; for details, see Section 3.9.5. For boot mode 2-15, it is possible to have megamodule
core 0 modify the default address of megamodule core 1-5 before it releases each megamodule core
from reset; for details, see Section 2.4.1. For local reset, if all cores are required to begin from a
particular address, the default addresses have to be modified. One example is that only the
megamodule core 0's default address is modified to match megamodule core 1-5.
•
Host boot
If host boot is selected after global reset, all C64x+ megamodule cores are internally "held in reset"
while the remainder of the device (including all memory subsystems of the C64x+ megamodule) is
released from reset. During this period, an external host can initialize the C6472 device memory space
(shared memory as well as the C64x+ megamodule memory), as necessary through an HPI interface,
including internal configuration registers such as those that control the DDR2 or other peripherals.
Once the host is finished with all necessary initialization, it must write a 1 to bit fields BC0 through BC5
of the BOOT_COMPLETE_STAT register (inside the Boot Controller) indicating boot complete of the
16
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com