Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
EMAC Receive Data 6 (MRXD6) for GMII0 or Receive Error
MRXD06/RMRXER1
AJ13
I
IPU
(RXER) for RMII1. Pin function defined by MACSEL0[2:0] and
MACSEL1[1:0] (see Table 3-1).
EMAC Receive Data 7 (MRXD7) for GMII0. Pin function defined
MRXD07
AJ6
I
IPU
by MACSEL0[2:0] (see Table 3-1).
EMAC Receive Clock (MRCLK) for MII0 [default] and GMII0 or
MRCLK0/SRXCLK1
AG10
I
IPU
Receive Clock (RXCLK) for S3MII1. Pin function defined by
MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Receive Data Valid (MRDV) for MII0 [default] and GMII0 or
Receive Carrier Sense/Data Valid (CRSDV) for S3MII1. Pin
MRXDV0/RMCRSDV1
AE12
I
IPU
function defined by MACSEL0[2:0] and MACSEL1[1:0] (see
Table 3-1).
EMAC Receive Error (MRXER) for MII0 [default], GMII0 and
MRXER0/RMRXER0/SRXCLK0
AF12
I
IPU
RMII0 or Receive Clock (RXCLK) for S3MII0. Pin function defined
by MACSEL0[2:0] (see Table 3-1).
EMAC Receive Carrier Sense (MCRS) for MII0 [default] and
MCRS0/RMCRSDV0
AF10
I
IPD
GMII0 or Receive Carrier Sense/Data Valid (CRSDV) for RMII0.
Pin function defined by MACSEL0[2:0] (see Table 3-1).
EMAC Transmit Clock output (GMTCLK) for GMII0 or Reference
GMTCLK0/REFCLK1/SREFCLK1
AG6
I/O
IPU
clock input (REFCLK) for RMII1 and S3MII1. Pin function defined
by MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Transmit Clock input (MTCLK) for MII0 [default] and GMII0
MTCLK0/REFCLK0/SREFCLK0
AJ9
I
IPU
or Reference clock input (REFCLK) for RMII0 and S3MII0. Pin
function defined by MACSEL0[2:0] (see Table 3-1).
EMAC Transmit Data 0 (MTXD0) for MII0 [default], GMII0 and
MTXD00/RMTXD00/STXD0
AF8
O
IPU
RMII0 or Transmit Data (TXD) for S3MII0. Pin function defined by
MACSEL0[2:0] (see Table 3-1).
EMAC Transmit Data 1 (MTXD1) for MII0 [default], GMII0 and
MTXD01/RMTXD01/STXSYNC0
AH7
O
IPU
RMII0 or Transmit Sync (TXSYNC) for S3MII0. Pin function
defined by MACSEL0[2:0] (see Table 3-1).
EMAC Transmit Data 2 (MTXD2) for MII0 [default] and GMII0 or
MTXD02/STXD1
AG8
O
IPU
Transmit Data (TXD) for S3MII1. Pin function defined by
MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Transmit Data 3 (MTXD3) for MII0 [default] and GMII0 or
MTXD03/STXSYNC1
AF9
O
IPU
Transmit Sync (TXSYNC) for S3MII1. Pin function defined by
MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Transmit Data 4 (MTXD4) for GMII0 or Transmit Data 0
(TXD0) for RMII1 or Transmit Clock (TXCLK) for S3MII1. Pin
MTXD04/RMTXD10/STXCLK1
AE7
O
IPU
function defined by MACSEL0[2:0] and MACSEL1[1:0] (see
Table 3-1).
EMAC Transmit Data 5 (MTXD5) for GMII0 or Transmit Data 1
MTXD05/RMTXD11
AJ7
O
IPU
(TXD1) for RMII1. Pin function defined by MACSEL0[2:0] and
MACSEL1[1:0] (see Table 3-1).
EMAC Transmit Data 6 (MTXD6) for GMII0 or Transmit Enable
MTXD06/RMTXEN1
AE11
O
IPU
(TXEN) for RMII1. Pin function defined by MACSEL0[2:0] and
MACSEL1[1:0] (see Table 3-1).
EMAC Transmit Data 7 (MTXD7) for GMII0 or Transmit Clock
MTXD07/STXCLK0
AG11
O
IPU
(TXCLK) for S3MII0. Pin function defined by MACSEL0[2:0] (see
Table 3-1).
EMAC Transmit Enable (MTXEN) for MII0 [default], GMII0 and
MTXEN0/RMTXEN0
AF11
O
IPU
RMII0. Pin function defined by MACSEL0[2:0] (see Table 3-1).
EMAC Collision (MCOL) for MII0 [default]. Pin function defined by
MCOL0
AE8
I
IPD
MACSEL0[2:0] (see Table 3-1).
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com