Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 96Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 97Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 98Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 99Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 101Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 103Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
5.2
Memory Protection Support
Memory protection allows an operating system to define who or what is authorized to access L1D, L1P,
and L2 memory. To accomplish this, the L1D, L1P, and L2 memories are divided into pages. There are 16
pages of L1P (2KB each), 16 pages of L1D (2KB each), and up to 64 pages of L2. The L1D, L1P, and L2
memory controllers in the C64x+ Megamodule are equipped with a set of registers that specify the
permissions for each memory page. For L2, the number of protection pages and their sizes depend on the
L2 configuration of the device, as defined in the previous section. The actual sizes are listed in Table 5-2.
Table 5-2 shows the memory addresses used to access the L2 memory.
Table 5-2. L2 Memory Protection Page Sizes
L2
C64x+
C64x+
C64x+
C64x+
C64x+
C64x+
ADDRESS
MEGAMODULE
MEGAMODULE
MEGAMODULE
MEGAMODULE
MEGAMODULE
MEGAMODULE
CORE 0
CORE 1
CORE 2
CORE 3
CORE 4
CORE 5
Shared L2
0020 0000h -
64 KB
64 KB
64 KB
64 KB
64 KB
64 KB
002B FFFFh
002C 0000h -
N/A
N/A
N/A
N/A
N/A
N/A
002F FFFFh
Local L2
0080 0000h -
32 KB
32 KB
32 KB
32 KB
32 KB
32 KB
0089 7FFFh
0089 8000h -
N/A
N/A
N/A
N/A
N/A
N/A
008F FFFFh
Each page may be assigned with fully orthogonal user and supervisor read, write, and execute
permissions. Additionally, a page may be marked as either (or both) locally or globally accessible. A local
access is a direct CPU access to L1D, L1P, and L2, while a global access is initiated by a DMA (either
IDMA or the EDMA3) or by other system masters.
The assignment of privilege IDs for CPU 0 and all non-EDMA system masters is based on silicon revision.
For silicon revisions
≤1.2, CPU 0 and all non-EDMA system masters on the device are assigned the same
privilege ID of 0. For silicon revsions
>1.2, CPU 0 is assigned the privilege ID of 6 and all non-EDMA
system masters are assigned the same privilege ID of 0. CPUs 1-5 are each assigned a unique privilege
ID (see Table 5-3). It is only possible to specify whether the memory pages are locally or globally
accessible. The AIDx (x=0,1,2,3,4,5, or X) and LOCAL bits of the memory protection page attribute
registers specify the memory page protection scheme as listed in Table 5-4.
Whenever the CPU is the initiator of a memory transaction, the privilege mode (user or supervisor) in
which the CPU is running at that time is carried with those transactions. This includes EDMA3 transfers
that are programmed by the CPU. For most peripheral masters (EMAC0, EMAC1, UTOPIA, TSIP0, TSIP1,
and TSIP2), the privilege mode is always user mode. Two peripherals (HPI and SRIO) have
programmable privilege modes through a chip-level register, HOSTPRIV, and can be either user or
supervisor.
Table 5-3. Available Memory Page Protection Scheme with Privilege ID
CORRESPONDING FIELD IN
PRIVID MODULE
MEMORY PROTECTION PAGE
PRIVILEGE MODE
DESCRIPTION
ATTRIBUTE REGISTERS
0 (Core 0,
AID0
Inherited from CPU(1)
C64x+ Megamodule Core 0
silicon revisions
≤1.2)
0 (not SRIO or HPI or Core 0)
AID0
User
All peripheral masters except
SRIO and HPI
0 (SRIO or HPI)
AID0
User/Supervisor (configured in
SRIO and HPI
HOSTPRIV)
(1)
Also applies to EDMA transfers that are programmed by the CPU.
100
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com