Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 101Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 102Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 103Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 105Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 106Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
5.7
C64x+ Megamodule Register Descriptions
Table 5-7. Megamodule Interrupt Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0180 0000
EVTFLAG0
Event Flag Register 0 (Events [31:0])
0180 0004
EVTFLAG1
Event Flag Register 1
0180 0008
EVTFLAG2
Event Flag Register 2
0180 000C
EVTFLAG3
Event Flag Register 3
0180 0010 - 0180 001C
-
Reserved
0180 0020
EVTSET0
Event Set Register 0 (Events [31:0])
0180 0024
EVTSET1
Event Set Register 1
0180 0028
EVTSET2
Event Set Register 2
0180 002C
EVTSET3
Event Set Register 3
0180 0030 - 0180 003C
-
Reserved
0180 0040
EVTCLR0
Event Clear Register 0 (Events [31:0])
0180 0044
EVTCLR1
Event Clear Register 1
0180 0048
EVTCLR2
Event Clear Register 2
0180 004C
EVTCLR3
Event Clear Register 3
0180 0050 - 0180 007C
-
Reserved
0180 0080
EVTMASK0
Event Mask Register 0 (Events [31:0])
0180 0084
EVTMASK1
Event Mask Register 1
0180 0088
EVTMASK2
Event Mask Register 2
0180 008C
EVTMASK3
Event Mask Register 3
0180 0090 - 0180 009C
-
Reserved
0180 00A0
MEVTFLAG0
Masked Event Flag Status Register 0 (Events [31:0])
0180 00A4
MEVTFLAG1
Masked Event Flag Status Register 1
0180 00A8
MEVTFLAG2
Masked Event Flag Status Register 2
0180 00AC
MEVTFLAG3
Masked Event Flag Status Register 3
0180 00B0 - 0180 00BC
-
Reserved
0180 00C0
EXPMASK0
Exception Mask Register 0 (Events [31:0])
0180 00C4
EXPMASK1
Exception Mask Register 1
0180 00C8
EXPMASK2
Exception Mask Register 2
0180 00CC
EXPMASK3
Exception Mask Register 3
0180 00D0 - 0180 00DC
-
Reserved
0180 00E0
MEXPFLAG0
Masked Exception Flag Register 0
0180 00E4
MEXPFLAG1
Masked Exception Flag Register 1
0180 00E8
MEXPFLAG2
Masked Exception Flag Register 2
0180 00EC
MEXPFLAG3
Masked Exception Flag Register 3
0180 00F0 - 0180 00FC
-
Reserved
0180 0100
-
Reserved
0180 0104
INTMUX1
Interrupt Multiplexor Register 1
0180 0108
INTMUX2
Interrupt Multiplexor Register 2
0180 010C
INTMUX3
Interrupt Multiplexor Register 3
0180 0110 - 0180 013C
-
Reserved
0180 0140
AEGMUX0
Advanced Event Generator Mux Register 0
0180 0144
AEGMUX1
Advanced Event Generator Mux Register 1
0180 0148 - 0180 017C
-
Reserved
0180 0180
INTXSTAT
Interrupt Exception Status Register
0180 0184
INTXCLR
Interrupt Exception Clear Register
104
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com