Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 104Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 105Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 106Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 5-13. Megamodule L1/L2 Memory Protection Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0184 A000
L2MPFAR
L2 Memory Protection Fault Address Register
0184 A004
L2MPFSR
L2 Memory Protection Fault Status Register
0184 A008
L2MPFCR
L2 Memory Protection Fault Command Register
0184 A00C - 0184 A0FC
-
Reserved
0184 A100
L2MPLK0
L2 Memory Protection Lock Key Bits [31:0]
0184 A104
L2MPLK1
L2 Memory Protection Lock Key Bits [63:32]
0184 A108
L2MPLK2
L2 Memory Protection Lock Key Bits [95:64]
0184 A10C
L2MPLK3
L2 Memory Protection Lock Key Bits [127:96]
0184 A110
L2MPLKCMD
L2 Memory Protection Lock Key Command Register
0184 A114
L2MPLKSTAT
L2 Memory Protection Lock Key Status Register
0184 A118 - 0184 A1FC
-
Reserved
L2 Memory Protection Page Attribute Register 0
0184 A200
L2MPPA0
0080 0000 - 0080 7FFF
L2 Memory Protection Page Attribute Register 1
0184 A204
L2MPPA1
0080 8000 - 0080 FFFF
L2 Memory Protection Page Attribute Register 2
0184 A208
L2MPPA2
0081 0000 - 0081 7FFF
L2 Memory Protection Page Attribute Register 3
0184 A20C
L2MPPA3
0081 8000 - 0081 FFFF
L2 Memory Protection Page Attribute Register 4
0184 A210
L2MPPA4
0082 0000 - 0082 7FFF
L2 Memory Protection Page Attribute Register 5
0184 A214
L2MPPA5
0082 8000 - 0082 FFFF
L2 Memory Protection Page Attribute Register 6
0184 A218
L2MPPA6
0083 0000 - 0083 7FFF
L2 Memory Protection Page Attribute Register 7
0184 A21C
L2MPPA7
0083 8000 - 0083 FFFF
L2 Memory Protection Page Attribute Register 8
0184 A220
L2MPPA8
0084 0000 - 0084 7FFF
L2 Memory Protection Page Attribute Register 9
0184 A224
L2MPPA9
0084 8000 - 0084 FFFF
L2 Memory Protection Page Attribute Register 10
0184 A228
L2MPPA10
0085 0000 - 0085 7FFF
L2 Memory Protection Page Attribute Register 11
0184 A22C
L2MPPA11
0085 8000 - 0085 FFFF
L2 Memory Protection Page Attribute Register 12
0184 A230
L2MPPA12
0086 0000 - 0086 7FFF
L2 Memory Protection Page Attribute Register 13
0184 A234
L2MPPA13
0086 8000 - 0086 FFFF
L2 Memory Protection Page Attribute Register 14
0184 A238
L2MPPA14
0087 0000 - 0087 7FFF
L2 Memory Protection Page Attribute Register 15
0184 A23C
L2MPPA15
0087 8000 - 0087 FFFF
L2 Memory Protection Page Attribute Register 16
0184 A240
L2MPPA16
0088 0000 - 0088 7FFF
L2 Memory Protection Page Attribute Register 17
0184 A244
L2MPPA17
0088 8000 - 0088 FFFF
L2 Memory Protection Page Attribute Register 18
0184 A248
L2MPPA18
0089 0000 - 0089 7FFF
L2 Memory Protection Page Attribute Register 19
0184 A24C
L2MPPA19
Reserved
L2 Memory Protection Page Attribute Register 20
0184 A250
L2MPPA20
Reserved
108
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com