Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 107Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 108Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 5-13. Megamodule L1/L2 Memory Protection Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
L1P Memory Protection Page Attribute Register 22
0184 A658
L1PMPPA22
00E0 3000 - 00E0 37FF
L1P Memory Protection Page Attribute Register 23
0184 A65C
L1PMPPA23
00E0 3800 - 00E0 3FFF
L1P Memory Protection Page Attribute Register 24
0184 A660
L1PMPPA24
00E0 4000 - 00E0 47FF
L1P Memory Protection Page Attribute Register 25
0184 A664
L1PMPPA25
00E0 4800 - 00E0 4FFF
L1P Memory Protection Page Attribute Register 26
0184 A668
L1PMPPA26
00E0 5000 - 00E0 57FF
L1P Memory Protection Page Attribute Register 27
0184 A66C
L1PMPPA27
00E0 5800 - 00E0 5FFF
L1P Memory Protection Page Attribute Register 28
0184 A670
L1PMPPA28
00E0 6000 - 00E0 67FF
L1P Memory Protection Page Attribute Register 29
0184 A674
L1PMPPA29
00E0 6800 - 00E0 6FFF
L1P Memory Protection Page Attribute Register 30
0184 A678
L1PMPPA30
00E0 7000 - 00E0 77FF
L1P Memory Protection Page Attribute Register 31
0184 A67C
L1PMPPA31
00E0 7800 - 00E0 7FFF
0184 A680 - 0184 ABFF
-
Reserved
0184 AC00
L1DMPFAR
L1 Data (L1D) Memory Protection Fault Address Register
0184 AC04
L1DMPFSR
L1D Memory Protection Fault Status Register
0184 AC08
L1DMPFCR
L1D Memory Protection Fault Command Register
0184 AC0C - 0184 ACFC
-
Reserved
0184 AD00
L1DMPLK0
L1D Memory Protection Lock Key Bits [31:0]
0184 AD04
L1DMPLK1
L1D Memory Protection Lock Key Bits [63:32]
0184 AD08
L1DMPLK2
L1D Memory Protection Lock Key Bits [95:64]
0184 AD0C
L1DMPLK3
L1D Memory Protection Lock Key Bits [127:96]
0184 AD10
L1DMPLKCMD
L1D Memory Protection Lock Key Command Register
0184 AD14
L1DMPLKSTAT
L1D Memory Protection Lock Key Status Register
0184 AD18 - 0184 AE3C
-
Reserved
L1D Memory Protection Page Attribute Register 16
0184 AE40
L1DMPPA16
00F0 0000 - 00F0 07FF
L1D Memory Protection Page Attribute Register 17
0184 AE44
L1DMPPA17
00F0 0800 - 00F0 0FFF
L1D Memory Protection Page Attribute Register 18
0184 AE48
L1DMPPA18
00F0 1000 - 00F0 17FF
L1D Memory Protection Page Attribute Register 19
0184 AE4C
L1DMPPA19
00F0 1800 - 00F0 1FFF
L1D Memory Protection Page Attribute Register 20
0184 AE50
L1DMPPA20
00F0 2000 - 00F0 27FF
L1D Memory Protection Page Attribute Register 21
0184 AE54
L1DMPPA21
00F0 2800 - 00F0 2FFF
L1D Memory Protection Page Attribute Register 22
0184 AE58
L1DMPPA22
00F0 3000 - 00F0 37FF
L1D Memory Protection Page Attribute Register 23
0184 AE5C
L1DMPPA23
00F0 3800 - 00F0 3FFF
L1D Memory Protection Page Attribute Register 24
0184 AE60
L1DMPPA24
00F0 4000 - 00F0 47FF
L1D Memory Protection Page Attribute Register 25
0184 AE64
L1DMPPA25
00F0 4800 - 00F0 4FFF
L1D Memory Protection Page Attribute Register 26
0184 AE68
L1DMPPA26
00F0 5000 - 00F0 57FF
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Megamodule
111
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com