Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 109Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
6
Device Operating Conditions
6.1
Absolute Maximum Ratings Over Operating Case Temperature Range (Unless
Otherwise Noted)
(1) (2) (3)
CVDD
-0.5 V to 1.5 V
CVDD2
-0.5 V to 1.5 V
DVDD33
-0.5 V to 4.2 V
DVDD18, AVDDA3, AVDDA4
-0.5 V to 2.5 V
Supply voltage range:
AVDDA1, AVDDA2
-0.5 V to 2.5 V
DVDD15
-0.5 V to 2.5 V
DVDDR
-0.5 V to 2.5 V
CVDD1
-0.5 V to 1.5 V
AVDDA, DVDDD, AVDDT
-0.5 V to 1.5 V
3.3-V pins
-0.5 V to DVDD33 + 0.5 V
RGMII pins
-0.3 V to DVDD15 + 0.3 V
Input voltage (VI) range:
DDR2 memory controller pins
-0.3 V to DVDD18 + 0.3 V
RIO pins
0 V to 1.32 V
3.3-V pins
-0.5 V to DVDD33 + 0.5 V
RGMII pins
-0.3 V to DVDD15 + 0.3 V
Output voltage (VO) range:
DDR2 memory controller pins
-0.3 V to DVDD18 + 0.3 V
RIO pins
0 V to 1.32 V
Standard
0
°C to 85°C
Operating case temperature range, TC:
A version(4)
-40
°C to 100°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
Overshoot and undershoot transients due to impedance mismatch on 3.3-V pins can be up to 30% of the supply voltage for up to 30%
of the signal period without significantly impacting reliability. For RGMII and DDR2 pins, limit overshoot/undershoot to 20% of supply
voltage for up to 20% of the duty cycle. These period limits assume continuous operation.
(4)
Extended temperature (A version) range is available only on 500-MHz and 625-MHz devices.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Operating Conditions
113
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com