Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 119Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
6.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Case Temperature (Unless Otherwise Noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS(1)
3.3 V pins (except I2C
DVDD33 = MIN,
0.8 * DVDD33
V
pins)
IOH = MAX
I2C pins
DVDD33 = MIN,
0.8 * DVDD33
V
IOH = MAX
VOH
High-level ouput voltage
RGMII pins
DVDD15 - 0.4
V
DDR2 memory
DVDD18 - 0.4
V
controller pins
3.3-V pins (except I2C
DVDD33 = MIN,
0.4
V
pins)
IOL = MAX
I2C pins
Pulled up to 3.3 V,
0.4
V
3 mA sink current
VOL
Low-level ouput voltage
RGMII pins
0.4
V
DDR2 memory
0.4
V
controller pins
VI = VSS to
DVDD33, pins
without internal
-1
1
uA
pull-up or
pull-down resistor
VI = VSS to
3.3-V pins (except I2C
DVDD33, pins with
pins)
50
100
400
uA
internal pull-up
resistor
II
Input current (DC)
VI = VSS to
DVDD33, pins with
-400
-100
-50
uA
internal pull-down
resistor
0.1 * DVDD33 ≤ VI ≤
I2C pins
-10
10
uA
0.9 * DVDD33
RGMII pins
-1
1
uA
DDR2 memory
-1
1
uA
controller pins
E Class Buffers -
EMU[18:0] and all
3.3-V Ethernet, except
-7
mA
MCRS0_RMCRSDV0,
MCOL0, GMDIO, and
GMDCLK
D Class Buffers -
GPIO[15:0], TDO,
-3
mA
HOUT, and
SYSCLKOUT
IOH
High-level output current
C Class Buffers - HPI,
TSIP, UTOPIA,
BOOTACTIVE,
WDOUT,
-3
mA
RESETSTAT, TIMO2,
MCRS0_RMCRSDV0,
MCOL0, GMDIO, and
GMDCLK
RGMII pins
-8
mA
DDR pins
-13.4
mA
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
116
Device Operating Conditions
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com