Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 119Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 120Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 121Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 122Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 123Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-1. Timing Requirements for Power-Supply Sequence (Option 1)(1)
500/625/700
NO.
UNIT
MIN
MAX
1
tsu(DVDD33-CVDD)
Setup time, DVDD33 supply stable before CVDD supply stable
0.5
200
ms
Setup time, CVDD supply stable before DVDD18 supply and VREFSSTL
2
tsu(CVDD-DVDD18)
0
200
ms
reference voltage stable
Setup time, DVDD18 supply and VREFSSTL reference voltage stable before
3
tsu(DVDD18-DVDD15)
0
200
ms
DVDD15 supply and VREFHSTL reference voltage stable
Setup time, DVDD15 supply and VREFHSTL reference voltage stable before
4
tsu(DVDD15-DVDD)
0
200
ms
DVDD supply stable
(1)
Note: The word stable means voltages that have reached a valid level as described in .
Table 7-2. Timing Requirements for Power-Supply Sequence (Option 2)(1)
500/625/700
NO.
UNIT
MIN
MAX
1
tsu(DVDD33-CVDD)
Setup time, DVDD33 supply stable before CVDD supply stable
0.5
200
ms
2
tsu(CVDD-ALLSUP)
Setup time, CVDD supply stable before all other supplies stable
0
200
ms
(1)
Note: The word stable means voltages that have reached a valid level as described in .
For detailed information, see the TMS320C6472/TMS320TCI6486 Hardware Design Guide (literature
number SPRAAQ4).
7.3.2
Power-Supply Decoupling
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. These caps need to be close to the DSP, no more than 1.25 cm maximum
distance to be effective. Physically smaller caps are better, such as 0402, but need to be evaluated from a
yield/manufacturing point-of-view. Parasitic inductance limits the effectiveness of the decoupling
capacitors, therefore physically smaller capacitors should be used while maintaining the largest available
capacitance value. As with the selection of any component, verification of capacitor availability over the
product's production lifetime should be considered.
7.3.3
Preserving Boundary-Scan Functionality on DDR2, RGMII, and RapidIO Interface Pins
When the DDR2 Memory Controller is not used, the DVDD18, DVDD18MON, VREFSSTL, AVDDA3, AVDDA4,
CVDD1, PTV18P, and PTV18N pins can be NC or connected directly to ground (VSS) to save power.
However, this prevents boundary scan from functioning on the DDR2 Memory Controller pins. To preserve
boundary-scan functionality on the DDR2 Memory Controller pins DVDD18, DVDD18MON, VREFSSTL, AVDDA3,
AVDDA4, CVDD1, PTV18P, and PTV18N should be connected as follows:
•
DVDD18, DVDD18MON, AVDDA3, and AVDDA4 - connect these pins to the 1.8-V supply.
•
CVDD1 - connect these pins to the 1.2-V supply.
•
VREFSSTL - connect this pin to a voltage of 0.9 V. This voltage can be generated directly from the 1.8-V
supply using two 1-k
Ω resistors to form a resistor-divider circuit.
•
PTV18P - connect this pin to ground (VSS) via a 200-Ω resistor.
•
PTV18N - connect this pin to the 1.8-V supply via a 200-
Ω resistor.
When the RGMII mode of the EMAC is not used, the DVDD15, DVDD15MON, VREFHSTL, PTV15P, and PTV15N
pins can be NC or connected directly to ground (VSS) to save power. However, this prevents boundary
scan from functioning on the RGMII pins of the EMAC. To preserve boundary-scan functionality on the
RGMII pins DVDD15, DVDD15MON, VREFHSTL, PTV15P, and PTV15N should be connected as follows:
•
DVDD15 and DVDD15MON - connect these pins to the 1.8-V supply.
•
VREFHSTL - connect to a voltage of 0.9 V. This voltage can be generated directly from the 1.8-V supply
using two 1-k
Ω resistors to form a resistor-divider circuit.
•
PTV15P - connect this pin to ground (VSS) via a 200-Ω resistor.
120
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com