Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 119Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 120Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 121Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 122Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 123Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 124Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
•
PTV15N - connect this pin to the 1.8-V supply via a 200-
Ω resistor.
When the RapidIO interface is not used, the CVDD2, AVDDA, DVDDD, DVDDR, and AVDDT pins can be NC or
connected directly to ground (VSS) to reduce power use. However, this prevents boundary-scan from
functioning on the RapidIO pins. To preserve boundary-scan functionality on the RapidIO pins CVDD2,
AVDDA, DVDDD, DVDDR, and AVDDT should be connected as follows:
•
CVDD2 - connect these pins to the 1.0/1.1-V core supply.
•
AVDDA, DVDDD, and AVDDT - connect these pins to the 1.2-V supply.
•
DVDDR - connect these pins to the 1.8-V supply.
7.4
Power and Sleep Controller (PSC)
The Power and Sleep Controller (PSC) controls TMS320C6472 device power by gating off clocks to
individual peripherals/modules. The PSC consists of a Global PSC (GPSC) and a set of Local PSCs
(LPSCs). The GPSC contains memory mapped registers, power domain control, PSC interrupt control,
and a state machine for each peripheral/module. An LPSC is associated with each peripheral/module and
provides clock and reset control. The GPSC controls all of the TMS320C6472 LPSCs.
Figure 7-6 shows the PSC components and the power and clock domains they control. For more details
on the PSC, see the TMS320C6472/TMS320TCI6486 PSC User's Guide (literature number SPRUEG3).
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
121
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com