Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 41Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 42Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 43Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 44Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 45Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 46Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 47Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 48Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
G24
H23
J2
J24
K23
K25
K7
L24
L6
M23
M7
N2
DVDD33
I
3.3-V I/O supply voltage
N6
P7
R6
T2
T7
U6
V7
W2
W24
W6
Y23
Y7
F7
1.2-V supply voltage for DDR EMIF
NC or connected to VSS, if DDR is not used
F9
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
F11
DVDD18MON, VREFSSTL, AVDD3, AVDD4, CVDD1, PTV18P, PTV18N,
CVDD1
I
and HHV18EN pins can be NC or connected directly to VSS
F13
(GND) to save power. However, connecting these pins this way
K11
prevents boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality on the
K13
DDR2 Memory Controller pins, see Section 7.3.3.
N20
1-V (500-MHz device), 1.1-V (625-MHz device), 1.2-V (700-MHz
device) supply voltage for SRIO core logic
P19
NC or connected to VSS, if RapidIO is not used
R20
NOTE: If the RapidIO interface is not used, the CVDD2, AVDDA,
CVDD2
I
DVDDD, DVDDR, and AVDDT pins can be NC or connected directly
T19
to VSS (GND) to reduce power use. However, connecting these
pins in this way prevents boundary scan from functioning on the
U20
RapidIO pins. To preserve boundary-scan functionality on the
RapidIO pins, see Section 7.3.3.
R24
1.2-V RapidIO analog supply voltage
NC or connected to VSS, if RapidIO is not used
Do not connect this SERDES supply to CVDD1
NOTE: If the RapidIO interface is not used, the CVDD2, AVDDA,
AVDDA
I
DVDDD, DVDDR, and AVDDT pins can be NC or connected directly
U24
to VSS (GND) to reduce power use. However, connecting these
pins in this way prevents boundary scan from functioning on the
RapidIO pins. To preserve boundary-scan functionality on the
RapidIO pins, see Section 7.3.3.
AVDDA1
M29
I
1.8-V System PLL analog supply voltage
AVDDA2
AG14
I
1.8-V EMAC PLL analog supply voltage
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
45
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com