Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 60Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 61Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 62Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 63Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 64Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 65Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 66Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 67Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 3-3. Device Control Register (DEVCTL) Field Descriptions (continued)
Bit
Field
Value
Description
9
TSIP2_EN[0]
TSIP2 Internal Pulls Enable[0]. Initialized at reset from GP04/TSIP2_EN pin.
0
Enable the pulls on all TSIP2 I/O pins and power down the I/O buffers. When this bit is low, the
values of TSIP2_EN[2:1] = don't care.
1
Disable the pulls on CLKA, CLKB, FSA, FSB, TX[1:0], and TR[1:0] of the TSIP2 I/O pins and power
up the corresponding I/O buffers.
8
TSIP1_EN[2]
TSIP1 Internal Pulls Enable[2]. Initialized at reset from GP03/TSIP1_EN pin.
0
Enable the pulls on TX[7:4] and TR[7:4] of the TSIP1 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[7:4] and TR[7:4] of the TSIP1 I/O pins and power up the corresponding I/O
buffers.
7
TSIP1_EN[1]
TSIP1 Internal Pulls Enable[1]. Initialized at reset from GP03/TSIP1_EN pin.
0
Enable the pulls on TX[3:2] and TR[3:2] of the TSIP1 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[3:2] and TR[3:2] of the TSIP1 I/O pins and power up the corresponding I/O
buffers.
6
TSIP1_EN[0]
TSIP1 Internal Pulls Enable[0]. Initialized at reset from GP03/TSIP1_EN pin.
0
Enable the pulls on all TSIP1 I/O pins and power down the I/O buffers. When this bit is low, the
values of TSIP1_EN[2:1] = don't care.
1
Disable the pulls on CLKA, CLKB, FSA, FSB, TX[1:0], and TR[1:0] of the TSIP1 I/O pins and power
up the corresponding I/O buffers.
5
TSIP0_EN[2]
TSIP0 Internal Pulls Enable[2]. Initialized at reset from GP02/TSIP0_EN pin.
0
Enable the pulls on TX[7:4] and TR[7:4] of the TSIP0 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[7:4] and TR[7:4] of the TSIP0 I/O pins and power up the corresponding I/O
buffers.
4
TSIP0_EN[1]
TSIP0 Internal Pulls Enable[1]. Initialized at reset from GP02/TSIP0_EN pin.
0
Enable the pulls on TX[3:2] and TR[3:2] of the TSIP0 I/O pins and power down the corresponding
I/O buffers.
1
Disable the pulls on TX[3:2] and TR[3:2] of the TSIP0 I/O pins and power up the corresponding I/O
buffers.
3
TSIP0_EN[0]
TSIP0 Internal Pulls Enable[0]. Initialized at reset from GP02/TSIP0_EN pin.
0
Enable the pulls on all TSIP0 I/O pins and power down the I/O buffers. When this bit is low, the
values of TSIP0_EN[2:1] = don't care.
1
Disable the pulls on the clock inputs and control inputs and outputs of the UTOPIA I/O pins and
power up the corresponding I/O buffers.
2
UTOPIA_EN[1]
UTOPIA Internal Pulls Enable[1]. Initialized at reset from GP01/UTOPIA_EN pin.
0
Enable the pulls on UXDATA[15:8] and URDATA[15:8] of the UTOPIA I/O pins and power down the
corresponding I/O buffers.
1
Disable the pulls on UXDATA[15:8] and URDATA[15:8] of the UTOPIA I/O pins and power up the
corresponding I/O buffers.
1
UTOPIA_EN[0]
UTOPIA Internal Pulls Enable [0]. Initialized at reset from GP01/UTOPIA_EN pin.
0
Enable the pulls on all UTOPIA I/O pins and power down the I/O buffers. When this bit is low, the
value of UTOPIA_EN[1] = don't care.
1
Disable the pulls on the UTOPIA clock inputs, control inputs and outputs, UXDATA[7:0], and
URDATA[7:0] and power up the corresponding I/O buffers.
0
HPI_EN
HPI Internal Pulls Enable. Initialized at reset from GP01/UTOPIA_EN pin.
0
Enable the pulls on the HPI I/O pins and power down the corresponding I/O buffers.
1
Disable the pulls on all HPI I/O pins except HAS, HCS, and HINT and power up all HPI I/O buffers.
64
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com