Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 56Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 57Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 58Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 59Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 60Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 61Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 62Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 63Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.1.1
Debugging Considerations
It is recommended that external connections be provided to device configuration pins, including all GPIO,
MACSEL, DDREN, and RIOEN pins. Although internal pullup/pulldown resistors exist on these pins,
providing external connectivity adds convenience to the user in debugging and flexibility in switching
operating modes. It also improves noise immunity for critical mode control inputs.
For the internal pullup/pulldown resistors for all device pins, see Table 2-5, Terminal Functions.
3.2
Device Configuration Register Descriptions
Table 3-2 is a summary of the primary chip-level registers that are discussed in Section 3.3 through
Section 3.11.
Table 3-2. Device Configuration Registers (Chip-Level Registers)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Provides status of the user's
02A8 0000
DEVSTAT
Device Status Register
device configuration on reset.
Sets DMA access priorities for
02A8 0004
PRI_ALLOC
Priority Allocation Register
master peripherals.
02A8 0008
DEVICE_ID
Device ID Register
Identifies the device.
02A8 000C - 02A8 01FC
-
Reserved
Controls the internal pulls on I/O
02A8 0200
DEVCTL
Device Control Register
interfaces.
This key register controls the
02A8 0204
DEVCTL_KEY
Device Control Key Register
writes to DEVCTL register. Key
value is 0A1E 183Ah.
02A8 0208
RMIIRESET0
RMII0 Reset Register
Provides reset to RMII. Used
when changing speed or duplex
02A8 020C
RMIIRESET1
RMII1 Reset Register
setting.
02A8 0210 - 02A8 0408
-
Reserved
This register configures privilege
02A8 040C
HOSTPRIV
Host Memory Privilege Register
modes.
02A8 0410 - 02A8 0418
-
Reserved
This register overrides the
02A8 041C
PRIVPERM
Memory Privilege Permission Register
memory protection for leaf node
in the CFG SCR.
This register is used for key
based protection of HOSTPRIV
02A8 0420
PRIVKEY
Memory Privilege Key Register
and PRIVPERM to control the
changes in the permission levels.
02A8 0424 - 02A8 04FC
-
Reserved
02A8 0500
NMIGR0
02A8 0504
NMIGR1
02A8 0508
NMIGR2
NMIGRx register creates NMI
NMI Generation Registers
event to C64x+ Megamodulex
02A8 050C
NMIGR3
02A8 0510
NMIGR4
02A8 0514
NMIGR5
02A8 0518 - 02A8 053C
-
Reserved
02A8 0540
IPCGR0
02A8 0544
IPCGR1
IPCGRx register generates an
02A8 0548
IPCGR2
IPC Generation Registers
interrupt pulse to C64x+
02A8 054C
IPCGR3
Megamodulex.
02A8 0550
IPCGR4
02A8 0554
IPCGR5
02A8 0558 - 02A8 0578
-
Reserved
60
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com