Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 29Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 30Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
UNIVERSAL TEST AND OPERATIONS PHY INTERFACE FOR ASYNCHRONOUS TRANSFER MODE (ATM) [UTOPIA]
Source clock for UTOPIA receive driven by Master ATM
URCLK
J29
I
IPD
Controller.
Receive cell available status output signal from UTOPIA Slave.
0 indicates NO space is available to receive a cell from Master
URCLAV
J28
O/Z
IPD
ATM Controller.
1 indicates space is available to receive a cell from Master ATM
Controller.
URADDR0
Y29
URADDR1
Y28
URADDR2
Y27
I
IPD
UTOPIA receive address bus
URADDR3
Y26
URADDR4
Y25
URDATA0
AA29
URDATA1
AA28
URDATA2
AA27
URDATA3
AB27
URDATA4
AB26
URDATA5
AB25
URDATA6
AC29
URDATA7
AC28
UTOPIA 16-bit receive data bus (also supports 8-bit mode on pins
I
IPD
[7:0])
URDATA8
AC27
URDATA9
AC26
URDATA10
AC25
URDATA11
AD29
URDATA12
AD28
URDATA13
AD27
URDATA14
AF29
URDATA15
AD26
UTOPIA receive interface enable input signal. Asserted by the
Master ATM Controller to indicate to the UTOPIA slave to receive
URENB
AE27
I
IPU
one or more cells on the URDATA bus with URSOC active on the
first data cycle.
Receive start-of-cell signal. This signal is output by the Master
ATM Controller to indicate to the UTOPIA Slave that the first valid
URSOC
AA25
I
IPD
byte of the cell is available to sample on the 16-bit Receive Data
Bus (URDATA[15:0]).
Source clock for UTOPIA transmit driven by Master ATM
UXCLK
J26
I
IPD
Controller.
Transmit cell available status output signal from UTOPIA Slave.
UXCLAV
H27
O/Z
IPD
0 indicates a complete cell is NOT available for transmit.
1 indicates a complete cell is available for transmit.
UXADDR0
W29
UXADDR1
W28
UXADDR2
W27
I
IPD
UTOPIA transmit address bus
UXADDR3
W26
UXADDR4
W25
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com