Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 80Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 81Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 82Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 83Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.8.2
Reset Mux Registers (RSTMUX0-RSTMUX5)
The reset controller has inputs for each of the watchdog timer outputs. The reset mux registers determine
the method of reset that will be used when a watchdog timeout occurs.
31
16
Reserved
R-0000 0000 0000 0000 0000 000
15
9
8
Reserved
DELAY
R-0000 0000 0000 0000 0000 000
R/W-100
7
6
5
4
3
1
0
DELAY
Reserved
EVTSTAT
OMODE
LOCK
R/W-100
R-0
RC-0
R/W-000
R/W-0
LEGEND: R/W = Read/Write; R = Read only; C = Clear; -n = value after reset
Figure 3-14. Reset Mux Registers (RSTMUX0-RSTMUX5)
Table 3-19. Reset Mux Registers (RSTMUX0-RSTMUX5) Field Descriptions
Bit
Field
Value
Description
31:9
Reserved
Reserved
8:6
DELAY
000
256 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
001
512 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
010
1024 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
011
2048 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
100
4096 CPU/6 cycles delay between NMI and local reset, when OMODE = 100 (default).
101
8192 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
110
16384 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
111
32768 CPU/6 cycles delay between NMI and local reset, when OMODE = 100.
5
Reserved
Reserved
4
EVTSTAT
The EVTSTAT bit indicates if any local timer event is received. The event could be a timeout event
(when the timer is configured in watchdog mode). Since there is only one output pin of a watchdog
event (WDOUT), the software can read this bit to know which one of the 6 timers has timed out.
Writing a 0 clears this bit.
0
No event received (default).
1
Timer event received by the reset mux block.
3:1
OMODE
The OMODE bits determine how to handle the local timer events.
000
Timer event input to the reset mux block does not cause any output event (default).
001
Reserved
010
Timer event input to the reset mux block causes local reset input to C64x+ megamodule.
011
Timer event input to the reset mux block causes NMI input to C64x+ megamodule.
100
Timer event input to the reset mux block causes NMI input followed by local reset input to C64x+
megamodule. Delay between NMI and local reset is set in the DELAY bit field.
101
Timer event input to the reset mux block causes system reset to the PLL controller.
110
Reserved
111
Reserved
0
LOCK
The LOCK field prevents further writes to the register when set to 1. After the software configures
the timer in watchdog mode and the appropriate routing of events to C64x+ megamodule, it is
expected to set the LOCK bit to 1. This will prevent accidental modification of the bit fields of this
register. The LOCK bit is reset to 0 only on the next reset that resets the Timer64.
0
Register fields are not locked (default).
1
Register fields are locked until the next timer reset.
84
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com