Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 39Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 40Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
JTAG EMULATION/TEST
TCLK
C27
I
IPU
JTAG test-port clock
TDI
D27
I
IPU
JTAG test-port data in
TDO
C29
O/Z
IPU
JTAG test-port data out
TMS
B28
I
IPU
JTAG test-port mode select
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see
TRST
C28
I
IPD
the IEEE 1149.1 JTAG compatibility statement portion of this data
sheet.
EMU0
A27
I/O/Z
IPU
Emulation pin 0
EMU1
D29
I/O/Z
IPU
Emulation pin 1
EMU2
D25
I/O/Z
IPU
Emulation pin 2
EMU3
D23
I/O/Z
IPU
Emulation pin 3
EMU4
C24
I/O/Z
IPU
Emulation pin 4
EMU5
C26
I/O/Z
IPU
Emulation pin 5
EMU6
E23
I/O/Z
IPU
Emulation pin 6
EMU7
D22
I/O/Z
IPU
Emulation pin 7
EMU8
D28
I/O/Z
IPU
Emulation pin 8
EMU9
B27
I/O/Z
IPU
Emulation pin 9
EMU10
E22
I/O/Z
IPU
Emulation pin 10
EMU11
E25
I/O/Z
IPU
Emulation pin 11
EMU12
A24
I/O/Z
IPU
Emulation pin 12
EMU13
D24
I/O/Z
IPU
Emulation pin 13
EMU14
C25
I/O/Z
IPU
Emulation pin 14
EMU15
B29
I/O/Z
IPU
Emulation pin 15
EMU16
D26
I/O/Z
IPU
Emulation pin 16
EMU17
E24
I/O/Z
IPU
Emulation pin 17
EMU18
A26
I/O/Z
IPU
Emulation pin 18
TELECOM SERIAL INTERFACE PORT 0 (TSIP0)
CLKA0
U3
I
IPD
TSIP0 external clock A
CLKB0
R4
I
IPD
TSIP0 external clock B
FSA0
V2
I
IPD
TSIP0 frame sync A
FSB0
Y1
I
IPD
TSIP0 frame sync B
TR00
T3
TR01
U4
TR02
AA1
TR03
V1
I
IPD
TSIP0 receive data
TR04
P5
TR05
R2
TR06
R3
TR07
U1
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com