Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 81Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 82Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 83Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.9
Reset and Boot Registers
3.9.1
Reset Status Register (RESET_STAT)
The reset status register (RESET_STAT) indicates the status of global (device) reset and of the local reset
for all six C64x+ megamodules.
31
30
16
GR
Reserved
RC-0
R-000 0000 0000 0000
15
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LR5
LR4
LR3
LR2
LR1
LR0
R-00 0000 0000 0000
RC-10
RC-10
RC-10
RC-10
RC-10
RC-10
LEGEND: R/W = Read/Write; R = Read only; C = Clear; -n = value after reset
Figure 3-15. Reset Status Register (RESET_STAT)
Table 3-20. Reset Status Register (RESET_STAT) Field Descriptions
Bit
Field
Value
Description
31
GR
1
Global Reset. Writing a 1 to GR clears the bit, writing a 0 has no effect.
30:12
Reserved
Reserved
11:10
LR5
Local Reset 5. Writing a 1 to LR5 clears the bit; writing a 0 has no effect.
00
Core 5 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 5.
10
Reserved
11
Core 5 has responded with lreset_out.
9:8
LR4
Local Reset 4. Writing a 1 to LR4 clears the bit; writing a 0 has no effect.
00
Core 4 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 4.
10
Reserved
11
Core 4 has responded with lreset_out.
7:6
LR3
Local Reset 3. Writing a 1 to LR3 clears the bit; writing a 0 has no effect.
00
Core 3 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 3.
10
Reserved
11
Core 3 has responded with lreset_out.
5:4
LR2
Local Reset 2. Writing a 1 to LR2 clears the bit; writing a 0 has no effect.
00
Core 2 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 2.
10
Reserved
11
Core 2 has responded with lreset_out.
3:2
LR1
Local Reset 1. Writing a 1 to LR1 clears the bit; writing a 0 has no effect.
00
Core 1 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 1.
10
Reserved
11
Core 1 has responded with lreset_out.
1:0
LR0
Local Reset 0. Writing a 1 to LR0 clears the bit; writing a 0 has no effect.
00
Core 0 has not received a local reset.
01
A local reset (lreset_in) has been asserted to Core 0.
10
Core 0 has responded with lreset_out in global boot situation.
11
Core 0 has responded with lreset_out.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
85
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com