Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 82Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 83Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 89Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.9.2
Boot Complete Status Register (BOOT_COMPLETE_STAT)
The boot complete status register (BOOT_COMPLETE_STAT) indicates if the boot process is complete.
31
16
Reserved
R-0000 0000 0000 0000
15
6
5
4
3
2
1
0
Reserved
BC5
BC4
BC3
BC2
BC1
BC0
R-00 0000 0000
RS-0
RS-0
RS-0
RS-0
RS-0
RS-0
LEGEND: R/W = Read/Write; R = Read only; S = Set; -n = value after reset
Figure 3-16. Boot Complete Status Register (BOOT_COMPLETE_STAT)
Table 3-21. Boot Complete Status Register (BOOT_COMPLETE_STAT) Field Descriptions
Bit
Field
Value
Description
31:6
Reserved
Reserved
5
BC5
Boot Complete 5
0
Core 5 did not complete boot
1
Core 5 completed boot
4
BC4
Boot Complete 4
0
Core 4 did not complete boot
1
Core 4 completed boot
3
BC3
Boot Complete 3
0
Core 3 did not complete boot
1
Core 3 completed boot
2
BC2
Boot Complete 2
0
Core 2 did not complete boot
1
Core 2 completed boot
1
BC1
Boot Complete 1
0
Core 1 did not complete boot
1
Core 1 completed boot
0
BC0
Boot Complete 0
0
Core 0 did not complete boot
1
Core 0 completed boot
86
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com