Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 7Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 8Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 9Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 10Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 11Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 12Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 13Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 14Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
2.3
Memory Map Summary
Table 2-2 shows the memory map address ranges of the C6472 device. This table provides a combined
view of both local and global addresses. The C64x+ megamodule local memories have both local and
global addresses. The megamodule registers only have local addresses. Local addresses can only be
resolved within the megamodule. They cannot be accessed from outside the megamodule. All of the other
addresses listed in this table are global addresses. Global addresses can be accessed from any bus
master including all six C64x+ megamodules, the transfer controllers within the EDMA3 block, and any
peripheral that can master the bus.
Note: 1K = 1024, 1M = 1024K.
Table 2-2. C6472 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
INTERNAL RAM AND ROM
Reserved
2M
00000000 - 001FFFFF
SL2 RAM (Local address map)
768K
00200000 - 002BFFFF
Reserved
5.25M
002C0000 - 007FFFFF
Local L2 SRAM
608K
00800000 - 00897FFF
Reserved
5M + 416K
00898000 - 00DFFFFF
Local L1P SRAM
32K
00E00000 - 00E07FFF
Reserved
992K
00E08000 - 00EFFFFF
Local L1D SRAM
32K
00F00000 - 00F07FFF
Reserved
992K
00F08000 - 00FFFFFF
C64x+ MEGAMODULE REGISTERS
Reserved
8M
01000000 - 017FFFFF
C64x+ Megamodule Registers
4M
01800000 - 01BFFFFF
CONTROL REGISTERS ON CONFIG SCR
Reserved
9M
01C00000 - 024FFFFF
TSIP0
256K
02500000 - 0253FFFF
TSIP1
256K
02540000 - 0257FFFF
TSIP2
256K
02580000 - 025BFFFF
Reserved
128K
025C0000 - 025DFFFF
Timer0
64K
025E0000 - 025EFFFF
Timer1
64K
025F0000 - 025FFFFF
Timer2
64K
02600000 - 0260FFFF
Timer3
64K
02610000 - 0261FFFF
Timer4
64K
02620000 - 0262FFFF
Timer5
64K
02630000 - 0263FFFF
Timer6
64K
02640000 - 0264FFFF
Timer7
64K
02650000 - 0265FFFF
Timer8
64K
02660000 - 0266FFFF
Timer9
64K
02670000 - 0267FFFF
Timer10
64K
02680000 - 0268FFFF
Timer11
64K
02690000 - 0269FFFF
Reserved
1.875M
026A0000 - 0287FFFF
HPI Control
128K
02880000 - 0289FFFF
Reserved
1M
028A0000 - 0299FFFF
PLL Controller 1
1K
029A0000 - 029A03FF
Reserved
127K
029A0400 - 029BFFFF
PLL Controller 2
1K
029C0000 - 029C03FF
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com