Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 30Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 31Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
UXDATA0
G25
UXDATA1
F26
UXDATA2
E27
UXDATA3
H25
UXDATA4
G26
UXDATA5
F27
UXDATA6
E28
UXDATA7
E29
UTOPIA 16-bit transmit data bus (also supports 8-bit mode on
O/Z
IPD
pins [7:0])
UXDATA8
J25
UXDATA9
H26
UXDATA10
G27
UXDATA11
F28
UXDATA12
G28
UXDATA13
H28
UXDATA14
J27
UXDATA15
H29
UTOPIA transmit interface enable input signal. Asserted by the
Master ATM Controller to indicate that the UTOPIA slave should
UXENB
AA26
I
IPU
transmit one or more cells on the UXDATA bus with UXSOC
active on the first data cycle.
Transmit start-of-cell signal. This signal is output by the UTOPIA
Slave on the rising edge of the UXCLK, indicating that the first
UXSOC
F29
O/Z
IPD
valid byte of the cell is available on the 16-bit Transmit Data Bus
(UXDATA[15:0]).
MANAGEMENT DATA INPUT/OUTPUT (MDIO)
GMDIO
MDIO serial data input/output. Only active if MACSEL0[2:0] is any
AH10
I/O/Z
IPU
value but 011 (RGMII).
GMDCLK
MDIO serial clock output. Only active if MACSEL0[2:0] is any
AG9
O/Z
IPU
value but 011 (RGMII).
RGMDIO
MDIO serial data input/output. Only active if MACSEL0[2:0] = 011
AG18
I/O
(RGMII).
RGMDCLK
MDIO serial clock output. Only active if MACSEL0[2:0] = 011
AF18
O
(RGMII).
ETHERNET MAC (EMAC0 and EMAC1) (MII0/GMII0/RMII[1:0]/S3MII[1:0])
EMAC Receive Data 0 (MRXD0) for MII0 [default], GMII0 and
MRXD00/RMRXD00/SRXD0
AH11
I
IPU
RMII0 or Receive Data (RXD) for S3MII0. Pin function defined by
MACSEL0[2:0] (see Table 3-1).
EMAC Receive Data 1 (MRXD1) for MII0 [default], GMII0 and
MRXD01/RMRXD01/SRXSYNC0
AG12
I
IPU
RMII0 or Receive Sync (RXSYNC) for S3MII0. Pin function
defined by MACSEL0[2:0] (see Table 3-1).
EMAC Receive Data 2 (MRXD2) for MII0 [default] and GMII0 or
MRXD02/SRXD1
AJ11
I
IPU
Receive Data (RXD) for S3MII1. Pin function defined by
MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Receive Data 3 (MRXD3) for MII0 [default] and GMII0 or
MRXD03/SRXSYNC1
AJ10
I
IPU
Receive Sync (RXSYNC) for S3MII1. Pin function defined by
MACSEL0[2:0] and MACSEL1[1:0] (see Table 3-1).
EMAC Receive Data 4 (MRXD4) for GMII0 or Receive Data 0
MRXD04/RMRXD10
AH9
I
IPU
(RXD0) for RMII1. Pin function defined by MACSEL0[2:0] and
MACSEL1[1:0] (see Table 3-1).
EMAC Receive Data 5 (MRXD5) for GMII0 or Receive Data 1
MRXD05/RMRXD11
AG7
I
IPU
(RXD1) for RMII1. Pin function defined by MACSEL0[2:0] and
MACSEL1[1:0] (see Table 3-1).
34
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com