Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 61Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 62Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 63Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 64Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 65Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 66Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 67Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 68Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
3.3.1.2
Device Control Key Register (DEVCTL_KEY)
The device control key register (DEVCTL_KEY) protects against inadvertently updating the DEVCTL
register with errant software. The DEVCTL_KEY register is shown in Figure 3-2.
31
0
KEY
R/W-0000 0000 0000 0000
LEGEND: R/W = Read/Write; -n = value after reset
Figure 3-2. Device Control Key Register (DEVCTL_KEY)
To update/write the DEVCTL register:
1. When the correct key value (KEY = 0A1E 183Ah) is written to the DEVCTL_KEY register, the DEVCTL
register becomes amenable for a single write anytime after this.
2. Once the DEVCTL register is written, no further writes to the DEVCTL register are allowed without
repeating Step 1.
The software should disable all the interrupts during the update of the DEVCTL register.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Configuration
65
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com