Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 42Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 43Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 44Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 45Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 46Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 47Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 48Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 49Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
1.8-V DDR PLL analog supply voltage
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDDA3, AVDDA4, CVDD1, PTV18P, and
AVDDA3
B21
I
PTV18N pins can be NC or connected directly to VSS (GND) to
save power. However, connecting these pins this way prevents
boundary scan from functioning on the DDR2 Memory Controller
pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, see Section 7.3.3.
H4
1.8-V DDR analog supply voltage
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDDA3, AVDDA4, CVDD1, PTV18P, and
AVDDA4
I
PTV18N pins can be NC or connected directly to VSS (GND) to
A21
save power. However, connecting these pins this way prevents
boundary scan from functioning on the DDR2 Memory Controller
pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, see Section 7.3.3.
T23
1.2-V RapidIO digital supply voltage
NC or connected to VSS, if RapidIO is not used
Do not connect this SERDES supply to CVDD1
NOTE: If the RapidIO interface is not used, the CVDD2, AVDDA,
DVDDD
I
DVDDD, DVDDR, and AVDDT pins can be NC or connected directly
V23
to VSS (GND) to reduce power use. However, connecting these
pins in this way prevents boundary scan from functioning on the
RapidIO pins. To preserve boundary-scan functionality on the
RapidIO pins, see Section 7.3.3.
1.5-V/1.8-V RapidIO regulator supply voltage
NC or connected to VSS, if RapidIO is not used
NOTE: If the RapidIO interface is not used, the CVDD2, AVDDA,
DVDDD, DVDDR, and AVDDT pins can be NC or connected directly
DVDDR
R28
I
to VSS (GND) to reduce power use. However, connecting these
pins in this way prevents boundary scan from functioning on the
RapidIO pins. To preserve boundary-scan functionality on the
RapidIO pins, see Section 7.3.3.
A1
A19
B10
B14
B5
E1
E12
E16
1.8-V I/O supply voltage for DDR2 buffers
NC or connected to VSS, if DDR is not used
E6
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
F15
DVDD18MON, VREFSSTL, AVDDA3, AVDDA4, CVDD1, PTV18P, and
DVDD18
F17
I
PTV18N pins can be NC or connected directly to VSS (GND) to
save power. However, connecting these pins this way prevents
F19
boundary scan from functioning on the DDR2 Memory Controller
G10
pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, see Section 7.3.3.
G12
G14
G16
G18
G6
G8
H7
J6
46
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com