Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 39Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 40Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 41Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 42Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 43Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
RSV15
A20
NC
RSV16
L29
NC
RSV17
L28
NC
RSV18
E19
NC
RSV19
E18
NC
RSV20
R26
NC
RSV21
E26
NC
RSV22
B24
NC
RSV23
B23
NC
RSV24
B9
NC
RSV25
A8
NC
SUPPLY VOLTAGE MONITOR PINS
Die-side core supply (CVDD) voltage monitor pin. The monitor pins
indicate the voltage on the die and, therefore, provide the best
probe point for voltage monitoring purposes. For more information
regarding the use of this and other voltage monitoring pins, see
CVDDMON
AE9
the TMS320C6472/TMS320TCI6486 Hardware Design Guide
application report (literature number SPRAAQ4). If the CVDDMON
pin is not used, it should be connected directly to the die-side
core supply (CVDD).
Die-side 1.5-/1.8-V I/O supply (DVDD15) voltage monitor pin. The
monitor pins indicate the voltage on the die and, therefore,
provide the best probe point for voltage monitoring purposes. For
more information regarding the use of this and other voltage
monitoring pins, see the TMS320C6472/TMS320TCI6486
Hardware Design Guide application report (literature number
SPRAAQ4). If the DVDD15MON pin is not used, it should be
DVDD15MON
AG13
connected directly to the 1.5-/1.8-V I/O supply (DVDD15).
NOTE: If the RGMII mode of the EMAC is not used, the DVDD15,
DVDD15MON, VREFHSTL, PTV15P, PTV15N, and HHV15EN pins
can be NC or connected directly to VSS (GND) to save power.
However, connecting these pins in this way will prevent
boundary-scan from functioning on the RGMII pins of the EMAC.
To preserve boundary-scan functionality on the RGMII pins, see
Section 7.3.3.
Die-side 1.8-V I/O supply (DVDD18) voltage monitor pin. The
monitor pins indicate the voltage on the die and, therefore,
provide the best probe point for voltage monitoring purposes. For
more information regarding the use of this and other voltage
monitoring pins, see the TMS320C6472/TMS320TCI6486
Hardware Design Guide application report (literature number
SPRAAQ4). If the DVDD18MON pin is not used, it should be
connected directly to the 1.8-V I/O supply (DVDD18).
DVDD18MON
D12
When DDR is used, connect to DVDD18 (1.8V)
NC or connected to VSS, if DDR is not used
NOTE: If the DDR2 Memory Controller is not used, the DVDD18,
DVDD18MON, VREFSSTL, AVDD3, AVDD4, CVDD1, PTV18P, PTV18N,
and HHV18EN pins can be NC or connected directly to VSS
(GND) to save power. However, connecting these pins this way
prevents boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality on the
DDR2 Memory Controller pins, see Section 7.3.3.
Die-side 3.3-V I/O supply (DVDD33) voltage monitor pin. The
monitor pins indicate the voltage on the die and, therefore,
provide the best probe point for voltage monitoring purposes. For
more information regarding the use of this and other voltage
DVDD33MON
V5
monitoring pins, see the TMS320C6472/TMS320TCI6486
Hardware Design Guide application report (literature number
SPRAAQ4). If the DVDD33MON pin is not used, it should be
connected directly to the 3.3-V I/O supply (DVDD33).
40
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com