Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 84Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 85Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 86Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 87Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 88Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 89Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 90Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 91Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.9.5
DSP_BOOT_ADDRn Register (DSP_BOOT_ADDR0-DSP_BOOT_ADDR5)
Each C64x+ megamodule has its own boot address register (DSP_BOOT_ADDRn) associated with it. The
contents of these registers are the 22 MSBs of the initial fetch address of the C64x+ megamodulen from
where it starts executing after the boot complete bit is set.
In Immediate Boot (Boot mode 0) and HPI Boot (Boot mode 1) modes, all six registers have the L2 RAM
base address tie-off value 00 2000h as default, which corresponds to 0080 0000h. In the case of HPI boot
mode, the host can overwrite these registers before boot complete is set to change the boot address for
each C64x+ megamodule.
For other boot modes (boot modes 2 - 15), DSP_BOOT_ADDR0 has SL2 ROM base address tie-off value
00 0400h as the default. Other GEM_BOOT_ADDRn registers have L2 RAM base address tie-off values
00 2000h as default. In this mode, the application can set individual boot addresses for individual C64x+
megamodules by programming different values in the GEM_BOOT_ADDRn registers.
31
22
21
16
Reserved
DSP_BOOT_ADDR(A)
R-0
R/W-00 0000 0010 0000 0000 0000
15
0
DSP_BOOT_ADDR(A)
R/W-00 0000 0010 0000 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
A. For boot modes 2 - 15, DSP_BOOT_ADDR0 has default address 00 0400h and DSP_BOOT_ADDR1 - DSP_BOOT_ADDR5 have
default address 00 2000h. For boot mode 0 and 1, all registers have default address 00 2000h.
Figure 3-19. DSP_BOOT_ADDRn Register (DSP_BOOT_ADDR0-DSP_BOOT_ADDR5)
Table 3-23. DSP_BOOT_ADDRn Register (DSP_BOOT_ADDR0-DSP_BOOT_ADDR5) Field
Descriptions
Bit
Field
Value
Description
31:22
Reserved
Reserved
21:0
DSP_BOOT_ADDR
DSP Boot Address.(1)
(1)
For boot modes 2 - 15, DSP_BOOT_ADDR0 has default address 00 0400h and DSP_BOOT_ADDR1 - DSP_BOOT_ADDR5 have
default address 00 2000h. For boot mode 0 and 1, all registers have default address 00 2000h.
88
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com