Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 92Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 93Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 94Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 95Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 96Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 97Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 98Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 99Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 269 page
background image
A registerfile
Datapath1
Datapath2
Bregisterfile
D2
S2
M2
xx
xx
L2
Instructiondecode
M1
xx
xx
L1
S1
D1
16/32-bitinstructiondispatch
Instructionfetch
SPLOOP buffer
64
64
C64x+CPU
256
32
L1Dcache/SRAM
Bandwidthmanagement
Memoryprotection
L1datamemorycontroller
IDMA
256
256
Bandwidthmanagement
L1programmemorycontroller
Memoryprotection
256
Advancedevent
triggering
(AET)
Interrupt
andexception
controller
Powercontrol
L2memory
controller
256
256
MasterDMA
SlaveDMA
128
256
L1P cache/SRAM
L2cache/
SRAM
256
128
128
Toprimary
switchfabric
Cache
control
Bandwidth
management
Memory
protection
Cachecontrol
Cachecontrol
Internal
ROM
256
Configuration
registers
32
ToChip
registers
Externalmemory
controller
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
5
C64x+ Megamodule
The C64x+ Megamodule consists of several components
— the C64x+ CPU, the L1 program and data
memory controllers, the L2 memory controller, the internal DMA (IDMA), the interrupt controller,
power-down controller, and external memory controller. The C64x+ Megamodule also provides support for
memory protection (for L1P, L1D, and L2 memories) and bandwidth management (for resources local to
the C64x+ Megamodule). Figure 5-1 shows a block diagram of the C64x+ Megamodule.
Figure 5-1. 64x+ Megamodule Block Diagram
For more detailed information on the TMS320C64x+ megamodule on the C6472 device, see the
TMS320C64x+ DSP Megamodule Reference Guide (literature number SPRU871).
5.1
Memory Architecture
The TMS320C6472 device contains a 608KB level-2 memory (L2), a 32KB level-1 program memory
(L1P), and a 32KB level-1 data memory (L1D).
The L1P memory configuration for the C6472 device is as follows:
•
Region 0 size is 0K bytes (disabled).
•
Region 1 size is 32K bytes with no wait states.
The L1D memory configuration for the C6472 device is as follows:
•
Region 0 size is 0K bytes (disabled).
•
Region 1 size is 32K bytes with no wait states.
96
C64x+ Megamodule
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com