Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 72Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 73Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 74Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 75Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 76Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 77Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 78Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 79Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.6.2
Memory Privilege Permission Register (PRIVPERM)
The memory privilege permission register (PRIVPERM) defines the permission level necessary to access
peripheral registers on the CFG SCR. The defaults allow both user- and supervisor-level accesses to
these peripheral groups. If desired, the software can override accesses to these peripheral groups by
writing the values shown in Table 3-11 to the register bits. For the purposes of protection, certain
peripherals are grouped together (see Table 3-12), thus, the selected protection applies to the entire
group; i.e., setting 0 to the RIO bit field would make user-mode accesses to SRIO and SRIO wrappers
configuration space.
Table 3-11. Permission Values
ACCESSES
PERMISSION VALUE
Supervisor and user modes
00
Supervisor mode
10
User mode
01
None
11
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
GPIO
HPI
EMAC
UTOPIA
RIO
TSIP
TIMER64
IIC
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SMC
CLRF1
CLRF0
PLL_CTRL
PSC
SEC_CTL
BOOT_CTL
ETB
R/W-00
R/W-00
R/W-0, R-0
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-6. Memory Privilege Permission Register (PRIVPERM)
Table 3-12. PRIVPERM Register Peripheral Grouping
PERIPHERAL GROUP
GROUP CONTENTS
GPIO
GPIO module
HPI
HPI module
EMAC
EMAC0, EMAC1, MDIO, EMAC0 Descriptor Memory, EMIC0, EMAC1
Descriptor Memory, EMIC1
UTOPIA
UTOPIA, PIM-PDMA
RIO
SRIO, SRIO Descriptor Memory
TSIP
TSIP2, TSIP1, TSIP0
TIMER64
12 Timer64s
IIC
IIC
SMC
SMC and 6 SMCPs
CLRF1
Chip-level register file class 1
CLRF0
Chip-level register file class 0
PLL_CTRL
PLL1, PLL2, and PLL3 controllers
PSC
Power and sleep controllers
SEC_CTL
Security control
BOOT_CTL
Boot controller
ETB
6 ETBs
76
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com