Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 32Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 33Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 34Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 35Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 36Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 37Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 38Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 39Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2) (3)
DESCRIPTION
NAME
NO.
ETHERNET MAC (EMAC) (RGMII[1:0])
EMAC Transmit Clock (TXC) for RGMII0 if enabled by
RGTXC0
AH19
O
MACSEL0[2:0] (see Table 3-1).
RGTD00
AE18
RGTD01
AG19
EMAC Transmit Data bus (TD[3:0]) for RGMII0 if enabled by
O
MACSEL0[2:0] (see Table 3-1).
RGTD02
AF17
RGTD03
AJ19
EMAC Transmit Control (TXCTL) for RGMII0 if enabled by
RGTXCTL0
AF19
O
MACSEL0[2:0] (see Table 3-1).
EMAC Receive Clock (RXC) for RGMII0 if enabled by
RGRXC0
AH21
I
MACSEL0[2:0] (see Table 3-1).
RGRD00
AF21
RGRD01
AG21
EMAC Receive Data bus (RD[3:0]) for RGMII0 if enabled by
I
MACSEL0[2:0] (see Table 3-1).
RGRD02
AF20
RGRD03
AE19
EMAC Receive Control (RXCTL) for RGMII0 if enabled by
RGRXCTL0
AJ21
I
MACSEL0[2:0] (see Table 3-1).
EMAC Reference Clock (REFCLK) for RGMII0 if enabled by
RGCLK0
AG20
O
MACSEL0[2:0] (see Table 3-1).
EMAC Transmit Clock (TXC) for RGMII1 if enabled by
RGTXC1
AH17
O
MACSEL1[1:0] (see Table 3-1).
RGTD10
AH18
RGTD11
AG17
EMAC Transmit Data bus (TD[3:0]) for RGMII1 if enabled by
O
MACSEL1[1:0] (see Table 3-1).
RGTD12
AE16
RGTD13
AF16
EMAC Transmit Control (TXCTL) for RGMII1 if enabled by
RGTXCTL1
AH16
O
MACSEL1[1:0] (see Table 3-1).
EMAC Receive Clock (RXC) for RGMII1 if enabled by
RGRXC1
AG15
I
MACSEL1[1:0] (see Table 3-1).
RGRD10
AE15
RGRD11
AF15
EMAC Receive Data bus (RD[3:0]) for RGMII1 if enabled by
I
MACSEL1[1:0] (see Table 3-1).
RGRD12
AH15
RGRD13
AJ15
EMAC Receive Control (RXCTL) for RGMII1 if enabled by
RGRXCTL1
AJ16
I
MACSEL1[1:0] (see Table 3-1).
EMAC Reference Clock (REFCLK) for RGMII1 if enabled by
RGCLK1
AG16
O
MACSEL1[1:0] (see Table 3-1).
I2C
I2C data. When the I2C module is used, ensure that there is an
SDA
K26
I/O/Z
external pull-up resistor.
I2C clock. When the I2C module is used, ensure that there is an
SCL
L25
I/O/Z
external pull-up resistor.
36
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com