Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 119Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 120Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Case
Temperature (Unless Otherwise Noted) (continued)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS(1)
E Class Buffers -
EMU[18:0] and all
3.3-V Ethernet, except
7
mA
MCRS0_RMCRSDV0,
MCOL0, GMDIO, and
GMDCLK
D Class Buffers -
GPIO[15:0], TDO,
3
mA
HOUT, and
SYSCLKOUT
IOL
Low-level output current
C Class Buffers - HPI,
TSIP, UTOPIA,
BOOTACTIVE,
WDOUT,
3
mA
RESETSTAT, TIMO2,
MCRS0_RMCRSDV0,
MCOL0, GMDIO, and
GMDCLK
RGMII pins
8
mA
DDR pins
13.4
mA
3.3-V pins
-10
20
uA
IOZ
Off-state output current
RGMII pins
-10
10
uA
DDR pins
-10
10
uA
commercial
0
85
temperature
TC
Operating case temperature
°C
extended
-40
100
temperature(2)
(2)
Extended temperature (A) range is available only on 500-MHz and 625-MHz devices.
Copyright
© 2009–2011, Texas Instruments Incorporated
Device Operating Conditions
117
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com