Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 110Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 111Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 112Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 113Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 114Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 115Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 116Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 117Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
6.2
Recommended Operating Conditions
(1)
PARAMETER
MIN
NOM
MAX UNIT
500 MHz
0.95
1.0
1.05
CVDD
Supply voltage, Core
625 MHz
1.05
1.1
1.16
V
700 MHz
1.14
1.2
1.26
500 MHz
0.95
1.0
1.05
CVDD2
Supply voltage, SRIO Core
625 MHz
1.05
1.1
1.16
V
700 MHz
1.14
1.2
1.26
CVDD1
Supply volttage, 1.2-V DDR Core
1.14
1.2
1.26
V
DVDD33
Supply voltage, 3.3-V I/O
3.135
3.3
3.465
V
DVDD18
Supply voltage, 1.8-V I/O (DDR)
1.71
1.8
1.89
V
DVDD15
Supply voltage, 1.8-V/1.5-V I/O (RGMII)
1.4
1.9
V
VREFHSTL
Reference voltage, RGMII I/O
0.7
0.95
V
(0.5 * DVDD15)
VREFSSTL
Reference voltage, DDR2 I/O
0.855
0.9
0.945
V
(0.5 * DVDD18)
AVDDA1
Analog supply voltage, PLL1 (System PLL)
1.71
1.8
1.89
V
AVDDA2
Analog supply voltage, PLL2 (EMAC PLL)
1.71
1.8
1.89
V
AVDDA3
Analog supply voltage, PLL3 (DDR PLL)
1.71
1.8
1.89
V
AVDDA4
Analog supply voltage, DDR
1.71
1.8
1.89
V
DVDDD
SRIO Digital supply voltage
1.14
1.2
1.26
V
AVDDA
SRIO Analog supply voltage
1.14
1.2
1.26
V
AVDDT
SRIO Termination voltage
1.14
1.2
1.26
V
DVDDR
SRIO Regulator supply voltage
1.35
1.5/1.8
1.98
V
3.3-V pins (except
2.0
DVDD33 + 0.5
I2C pins)
I2C pins
0.7 * DVDD33
DVDD33 + 0.5
VIH
High-level input voltage
V
RGMII pins
VREFHSTL + 0.10
DVDD15 + 0.3
DDR2 memory
VREFSSTL + 0.125
DVDD18 + 0.3
controller pins
3.3-V pins (except
-0.5
0.8
I2C pins)
I2C pins
-0.5
0.3 * DVDD33
VIL
Low-level input voltage
V
RGMII pins
-0.3
VREFHSTL - 0.1
DDR2 memory
-0.3
VREFSSTL - 0.125
controller pins
CVDD = CVDD2 =
1.0 V, CPU
2.38
frequency =
500 MHz
CVDD = CVDD2 =
1.1 V, CPU
PCDD
Core supply power(2)
3.76
W
frequency =
625 MHz
CVDD = CVDD2 =
1.2 V, CPU
5.42
frequency =
700 MHz
(1)
Operating conditions are at 500 MHz, 625 MHz, or 700 MHz.
(2)
Assumes the following conditions: CPU utilization 30% DSP/60% control; DDR2 at 30% utilization (266 MHz), 35% writes, 32 bits, 15%
bit switching; TSIP0, TSIP1, and TSIP2 at 20% utilization, 15% switching; UTOPIA 50 MHz, 16-bit at 50% utilization, 15% switching
EMAC0, 1000 Mbps, RGMII, 50% utilization, 50% switching; EMAC1 disabled; SRIO both lanes disabled; all timers active; HPI disabled;
I2C enabled at 10% utilization; room temperature (25
°C). The actual power consumption is application-dependent. For more details on
core and I/O activity, see the TMS320C6472/TMS320TCI6486 Power Consumption Summary (literature number SPRAAS4).
114
Device Operating Conditions
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com